Electronic Components Datasheet Search
  English  ▼

X  

BSP296 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # BSP296
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP296 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  BSP296 Datasheet HTML 1Page - Siemens Semiconductor Group BSP296 Datasheet HTML 2Page - Siemens Semiconductor Group BSP296 Datasheet HTML 3Page - Siemens Semiconductor Group BSP296 Datasheet HTML 4Page - Siemens Semiconductor Group BSP296 Datasheet HTML 5Page - Siemens Semiconductor Group BSP296 Datasheet HTML 6Page - Siemens Semiconductor Group BSP296 Datasheet HTML 7Page - Siemens Semiconductor Group BSP296 Datasheet HTML 8Page - Siemens Semiconductor Group BSP296 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Sep-12-1996
Semiconductor Group
BSP 296
Drain-source on-resistance
RDS (on) = ƒ(Tj)
parameter:
ID = 1 A, VGS = 10 V
-60
-20
20
60
100
°C
160
T
j
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Ω
2.0
R
DS (on)
typ
98%
Gate threshold voltage
VGS (th) = ƒ(Tj)
parameter:
VGS = VDS, ID = 1 mA
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
V
4.6
V
GS(th)
-60
-20
20
60
100
°C
160
T
j
2%
typ
98%
Typ. capacitances
C = f (VDS)
parameter:
VGS=0V, f = 1 MHz
0
5
10
15
20
25
30
V
40
V
DS
0
10
1
10
2
10
3
10
pF
C
C
rss
C
oss
C
iss
Forward characteristics of reverse diode
IF = ƒ(VSD)
parameter:
Tj, tp = 80 µs
-2
10
-1
10
0
10
1
10
A
I
F
0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
V
SD
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com