Electronic Components Datasheet Search
  English  ▼

X  

BSP296 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BSP296
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP296 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BSP296 Datasheet HTML 1Page - Siemens Semiconductor Group BSP296 Datasheet HTML 2Page - Siemens Semiconductor Group BSP296 Datasheet HTML 3Page - Siemens Semiconductor Group BSP296 Datasheet HTML 4Page - Siemens Semiconductor Group BSP296 Datasheet HTML 5Page - Siemens Semiconductor Group BSP296 Datasheet HTML 6Page - Siemens Semiconductor Group BSP296 Datasheet HTML 7Page - Siemens Semiconductor Group BSP296 Datasheet HTML 8Page - Siemens Semiconductor Group BSP296 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
Sep-12-1996
BSP 296
SIPMOS ® Small-Signal Transistor
• N channel
• Enhancement mode
• Logic Level
• VGS(th) = 0.8...2.0V
Pin 1
Pin 2
Pin 3
Pin 4
G
D
S
D
Type
VDS
ID
RDS(on)
Package
Marking
BSP 296
100 V
1 A
0.8
Ω
SOT-223
BSP 296
Type
Ordering Code
Tape and Reel Information
BSP 296
Q67000-S067
E6327
Maximum Ratings
Parameter
Symbol
Values
Unit
Drain source voltage
VDS
100
V
Drain-gate voltage
RGS = 20 kΩ
V
DGR
100
Gate source voltage
VGS
± 14
Gate-source peak voltage,aperiodic
Vgs
± 20
Continuous drain current
TA = 42 °C
ID
1
A
DC drain current, pulsed
TA = 25 °C
IDpuls
4
Power dissipation
TA = 25 °C
Ptot
1.8
W


Similar Part No. - BSP296

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP296 INFINEON-BSP296 Datasheet
82Kb / 8P
SIPMOS Small-Signal-Transistor
2002-12-10
BSP296 INFINEON-BSP296 Datasheet
583Kb / 8P
SIPMOS Small-Signal-Transistor
2009-08-18
logo
VBsemi Electronics Co.,...
BSP296 VBSEMI-BSP296 Datasheet
977Kb / 6P
N-Channel 100-V (D-S) MOSFET
logo
Infineon Technologies A...
BSP296L6327 INFINEON-BSP296L6327 Datasheet
583Kb / 8P
SIPMOS??Small-Signal-Transistor
2009-08-18
BSP296N INFINEON-BSP296N Datasheet
575Kb / 9P
OptiMOS??Small-Signal-Transistor
Rev 2.0 2013-04-04
More results

Similar Description - BSP296

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BS107 SIEMENS-BS107 Datasheet
77Kb / 7P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSP123 SIEMENS-BSP123 Datasheet
160Kb / 9P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSP297 SIEMENS-BSP297 Datasheet
172Kb / 9P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS100 SIEMENS-BSS100 Datasheet
79Kb / 7P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS123 SIEMENS-BSS123 Datasheet
133Kb / 8P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS131 SIEMENS-BSS131 Datasheet
131Kb / 8P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS138 SIEMENS-BSS138 Datasheet
138Kb / 8P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS295 SIEMENS-BSS295 Datasheet
78Kb / 7P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS87 SIEMENS-BSS87 Datasheet
130Kb / 8P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS98 SIEMENS-BSS98 Datasheet
78Kb / 7P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com