Electronic Components Datasheet Search
  English  ▼

X  

BSP52 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BSP52
Description  NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP52 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BSP52 Datasheet HTML 1Page - Siemens Semiconductor Group BSP52 Datasheet HTML 2Page - Siemens Semiconductor Group BSP52 Datasheet HTML 3Page - Siemens Semiconductor Group BSP52 Datasheet HTML 4Page - Siemens Semiconductor Group BSP52 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Semiconductor Group
2
BSP 50
… BSP 52
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
DC current gain2)
IC = 150 mA, VCE = 10 V
IC = 500 mA, VCE = 10 V
Collector-emitter breakdown voltage1)
IC = 10 mA
BSP 50
BSP 51
BSP 52
V
V(BR)CER
45
60
80
–
–
–
–
–
–
µA
Collector-emitter cutoff current
VCE = VCERmax, VBE = 0
ICES
––10
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Emitter-base breakdown voltage
IE = 100
µA, IB = 0
V(BR)EB0
5––
V
Collector-emitter saturation voltage2)
IC = 500 mA, IB = 0.5 mA
IC = 1 A, IB = 1 mA
VCEsat
–
–
–
–
1.3
1.8
–
hFE
1000
2000
–
–
–
–
MHz
Transition frequency
IC = 100 mA, VCE = 5 V, f = 100 MHz
fT
–
200
–
AC characteristics
ns
ns
Switching times
IC = 500 mA, IB1 = IB2 = 0.5 mA
(see diagrams)
ton
toff
–
–
400
1500
–
–
Collector-base breakdown voltage
IC = 100
µA, IB = 0
BSP 50
BSP 51
BSP 52
V(BR)CB0
60
80
100
–
–
–
–
–
–
Emitter-base cutoff current
VEB = 4 V, IC = 0
IEB0
––10
Base-emitter saturation voltage2)
IC = 500 mA, IB = 0.5 mA
IC = 1 A, IB = 1 mA
VBEsat
–
–
–
–
1.9
2.2
1)
Compare RBE for thermal stability.
2)
Pulse test conditions:
t ≤ 300 µs, D = 2 %.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com