Electronic Components Datasheet Search
  English  ▼

X  

BSP52 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BSP52
Description  NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP52 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BSP52 Datasheet HTML 1Page - Siemens Semiconductor Group BSP52 Datasheet HTML 2Page - Siemens Semiconductor Group BSP52 Datasheet HTML 3Page - Siemens Semiconductor Group BSP52 Datasheet HTML 4Page - Siemens Semiconductor Group BSP52 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Semiconductor Group
4
BSP 50
… BSP 52
Total power dissipation Ptot = f (TA*; TS)
* Package mounted on epoxy
Permissible pulse load Ptot max / Ptot DC = f (
tp)
External resistance RBE = f (TA)**
VCB = VCE max
** RBE max for thermal stability
DC current gain hFE = f (IC)
VCE = 10 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com