Electronic Components Datasheet Search
  English  ▼

X  

BSP75 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BSP75
Description  Smart Lowside Power Switch (Logic Level Input Input protection ESD Thermal shutdown with restart)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP75 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BSP75 Datasheet HTML 1Page - Siemens Semiconductor Group BSP75 Datasheet HTML 2Page - Siemens Semiconductor Group BSP75 Datasheet HTML 3Page - Siemens Semiconductor Group BSP75 Datasheet HTML 4Page - Siemens Semiconductor Group BSP75 Datasheet HTML 5Page - Siemens Semiconductor Group BSP75 Datasheet HTML 6Page - Siemens Semiconductor Group BSP75 Datasheet HTML 7Page - Siemens Semiconductor Group BSP75 Datasheet HTML 8Page - Siemens Semiconductor Group BSP75 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HITFET® BSP 75
Semiconductor Group
Page 1 of 9
1998-02-04
Smart Lowside Power Switch
Features
• Logic Level Input
• Input protection (ESD)
• Thermal shutdown (with restart)
• Overload protection
• Short circuit protection
• Overvoltage protection
• Current limitation
Application
• All kinds of resistive, inductive and capacitive loads in switching applications
• µC compatible power switch for 12 V and 24 V DC applications
• Replaces electromechanical relays and discrete circuits
General Description
N channel vertical power FET in Smart Power Technology. Fully protected by embedded protection functions.
protection
Overvoltage
Drain
IN
ESD
HITFET
®
Source
1
3
Over-
protection
temperature
Short circuit
protection
+
limitation
V bb
Short circuit
protection
LOAD
2
dv/dt
limitation
4
M
Current
Pin
Symbol
Function
1
IN
Input
2
DRAIN
Output to the load
3
SOURCE
Ground
TAB
SUBSTRATE
Must be connected to Pin 3
Product Summary
Continuous drain source voltage
VDS
55
V
On-state resistance
RDS(ON)
550
m
Ω
Current limitation
ID(lim)
1A
Nominal load current
ID(Nom)
0.7
A
Clamping energy
EAS
550
mJ


Similar Part No. - BSP75

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP752R INFINEON-BSP752R Datasheet
379Kb / 17P
Smart Power High-Side-Switch
2004-01-27
BSP752R INFINEON-BSP752R Datasheet
259Kb / 18P
Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752R INFINEON-BSP752R Datasheet
400Kb / 19P
Smart High-Side Power Switch
V1.2 2016-02-22
BSP752RXUMA2 INFINEON-BSP752RXUMA2 Datasheet
400Kb / 19P
Smart High-Side Power Switch
V1.2 2016-02-22
BSP752R INFINEON-BSP752R_07 Datasheet
259Kb / 18P
Smart High-Side Power Switch
V1.1, 2007-05-29
More results

Similar Description - BSP75

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP75A SIEMENS-BSP75A Datasheet
55Kb / 9P
Smart Lowside Power Switch (Logic Level Input Input protection ESD Thermal shutdown with restart)
BSP78 SIEMENS-BSP78 Datasheet
107Kb / 10P
Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal shutdown with auto restart)
BTS117 SIEMENS-BTS117 Datasheet
138Kb / 10P
Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
BTS133 SIEMENS-BTS133 Datasheet
138Kb / 10P
Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
BTS933 SIEMENS-BTS933 Datasheet
194Kb / 11P
Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
BTS941 SIEMENS-BTS941 Datasheet
193Kb / 11P
Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
Smart Lowside Power Switch
OBTS949 SIEMENS-OBTS949 Datasheet
193Kb / 11P
Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
Smart Lowside Power Switch
2004-03-05
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
Smart Lowside Power Switch
02.12.1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com