Electronic Components Datasheet Search
  English  ▼

X  

BSP75 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BSP75
Description  Smart Lowside Power Switch (Logic Level Input Input protection ESD Thermal shutdown with restart)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP75 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BSP75 Datasheet HTML 1Page - Siemens Semiconductor Group BSP75 Datasheet HTML 2Page - Siemens Semiconductor Group BSP75 Datasheet HTML 3Page - Siemens Semiconductor Group BSP75 Datasheet HTML 4Page - Siemens Semiconductor Group BSP75 Datasheet HTML 5Page - Siemens Semiconductor Group BSP75 Datasheet HTML 6Page - Siemens Semiconductor Group BSP75 Datasheet HTML 7Page - Siemens Semiconductor Group BSP75 Datasheet HTML 8Page - Siemens Semiconductor Group BSP75 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HITFET® BSP 75
Semiconductor Group
Page 3
1998-02-04
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at Tj = 25 °C, unless otherwise specified
min
typ
max
Static Characteristics
Drain source clamp voltage
ID = 10 mA
Tj =-40...+150°C:
VDS(AZ)
55
--
70
V
Off state drain current
VIN = 0 V, VDS = 32 V
Tj =-40...+150°C:
IDSS
--
--
5
µA
Input threshold voltage
ID = 10 mA
VIN(th)
2
2.5
3
V
Input current
normal operation,
ID<ID(lim):
VIN = 5 V
current limitation mode,
ID=ID(lim):
after thermal shutdown,
ID=0 A:
IIN(1)
IIN(2)
IIN(3)
--
--
1000
100
200
1500
200
300
2000
µA
On-state resistance
ID = 0.7 A, VIN = 5 V
Tj=25°C:
Tj=150°C:
RDS(on)
--
--
550
850
675
1350
m
Ω
On-state resistance
ID = 0.7 A, VIN = 10 V
Tj=25°C:
Tj=150°C:
RDS(on)
--
--
475
750
550
1000
m
Ω
Nominal load current
VBB = 12 V, VDS = 0.5 V, TS = 85°C
Tj < 150°C
ID(Nom)
0.7
--
--
A
Current limit
VIN = 10 V, VDS = 12 V
ID(lim)
1
1.5
1.9
A
Dynamic characteristics
Turn-on time
VIN to 90% ID:
RL = 22
Ω, VIN= 0 to 10 V, Vbb= 12 V
ton
--
10
20
µs
Turn-off time
VIN to 10% I D:
RL = 22
Ω, VIN= 10 to 0 V, Vbb= 12 V
toff
--
10
20
µs
Slew rate on
70 to 50% Vbb:
RL = 22
Ω, VIN = 0 to 10 V, Vbb = 12 V
-d
VDS/dt on
--
4
10
V/
µs
Slew rate off
50 to 70% Vbb:
RL = 22
Ω, VIN= 10 to 0 V, Vbb= 12 V
d
VDS/dt off
--
4
10
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com