Electronic Components Datasheet Search
  English  ▼

X  

MPC5125 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 94 page
background image
MPC5125 Microcontroller Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
56
4.3.6
LPC
The local-plus bus is the external bus interface of the MPC5125. A maximum of eight configurable chip selects (CS) are
provided. There are two main modes of operation: non-MUXed and MUXed. The reference clock is the LPC CLK. The
maximum bus frequency is 66 MHz.
Definition of terms:
WS = Wait state
DC = Dead cycle
HC = Hold cycle
DS = Data size in bytes
BBT =Burst bytes per transfer
AL = Address latch enable length
ALT = Chip select/Address Latch Timing
tLPCck = LPC clock period
Table 25. LPC Timing
Sym
Description
Min
Max
Units
SpecID
tOD CS[x], ADDR, R/W, TSIZ, DATA (wr), TS,
OE valid after LPC CLK
(Output delay related to LPC CLK)
05
ns
A7.1
t1 Non-burst CS[x] pulse width
(2 + WS)
t
LPCck
(2 + WS)
 t
LPCck
ns
A7.2
t2 ADDR, R/W, TSIZ, DATA (wr) valid before
CS[x] assertion
tLPCcktOD
tLPCck + tOD
ns
A7.3
t3
OE assertion after CS[x] assertion
tLPCcktOD
tLPCck + tOD
ns
A7.4
t4 ADDR, R/W, TSIZ, data (wr) hold after
CS[x] negation
tLPCcktOD
(HC + 1)
 t
LPCck + tOD
ns
A7.5
t5
TS pulse width
tLPCck
tLPCck
ns
A7.6
t6 DATA (rd) setup before LPC CLK
5
—
ns
A7.7
t7 DATA (rd) input hold
0
(DC + 1)
 t
LPCck
ns
A7.8
t8
Read burst CS[x] pulse width
(2 + WS + BBT/DS)
 t
LPCck
(2 +WS + BBT/DS)
 t
LPCck
ns
A7.9
t9 Burst ACK pulse width
(BBT/DS)
t
LPCck
(BBT/DS)
t
LPCck
ns
A7.10
t10 Burst DATA (rd) input hold
0
—
ns
A7.11
t11 Read burst ACK assertion after CS[x] assertion
(2+WS)
t
LPCck
(2+WS)
t
LPCck
ns
A7.12
t12 Non-MUXed write burst CS[x] pulse width
(2.5 + WS + BBT/DS)
t
LPCck (2.5 + WS + BBT/DS) tLPCck
ns
A7.13
t13 Write burst ADDR, R/W, TSIZ, DATA (wr)
hold after CS[x] negation
0.5
t
LPCck – tOD
(HC + 0.5)
t
LPCck + tOD
ns
A7.14
t14 Write burst ACK assertion after CS[x] assertion
(2.5 + WS)
t
LPCck – tOD
(2.5 + WS)
t
LPCck + tOD
ns
A7.15
t15 Write burst DATA valid
tLPCck – tOD
—
ns
A7.16
t16 Non-MUXed mode: asynchronous write
burst ADDR valid before write DATA valid
0.5
t
LPCck – tOD
0.5
t
LPCck + tOD
ns
A7.17
t17 MUXed mode: ADDR cycle
AL
2 t
LPCck – tOD
AL
2 t
LPCck
ns
A7.18
t18 MUXed mode: ALE cycle
AL
t
LPCck
AL
t
LPCck
ns
A7.19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com