Electronic Components Datasheet Search
  English  ▼

X  

LC5525F Datasheet(PDF) 13 Page - Sanken electric

Part # LC5525F
Description  LC5500 Series Single-Stage Power Factor Corrected Off-Line Switching Regulators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5525F Datasheet(HTML) 13 Page - Sanken electric

Back Button LC5525F Datasheet HTML 9Page - Sanken electric LC5525F Datasheet HTML 10Page - Sanken electric LC5525F Datasheet HTML 11Page - Sanken electric LC5525F Datasheet HTML 12Page - Sanken electric LC5525F Datasheet HTML 13Page - Sanken electric LC5525F Datasheet HTML 14Page - Sanken electric LC5525F Datasheet HTML 15Page - Sanken electric LC5525F Datasheet HTML 16Page - Sanken electric LC5525F Datasheet HTML 17Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
13
SANKEN ELECTRIC CO., LTD.
LC5500-AN, Rev.1.2
LC5523F ELECTRICAL CHARACTERISTICS (MOSFET) TA = 25°C, unless otherwise specified
Characteristic
Symbol
Test Conditions
Pins
Min.
Typ.
Max.
Unit
Drain-to-Source Breakdown Voltage1
VDSS
1 – 2
650
――
V
Drain Leakage Current
IDSS
1 – 2
――
300
μA
On Resistance1
RDS(on)
1 – 2
――
1.9
Ω
Switching Time1
tf
1 – 2
――
400
ns
Thermal Resistance1,2
Rθch-F
Between channel and internal frame
―――
3.1
°C/W
1
Refer to each individual product datasheet for details.
2
The thermal resistance between the channels of the MOSFET and the case. TC measured at the center of the case top surface.
LC5523F Absolute Maximum Ratings TA = 25°C, unless otherwise specified
Characteristic
Symbol
Notes
Pins
Rating
Unit
Drain Current*
IDPeak
Single pulse
1 – 2
9.2
A
Single Pulse Avalanche Energy*
EAS
ILPeak = 2.9 A, VDD = 99 V, L = 20 mH
1 – 2
99
mJ
Supply Voltage for Controller Chip
VCC
4 – 2
35
V
OCP Pin Voltage
VOCP
5 – 2
−2.0 to 5.0
V
FB Pin Voltage
VFB
6 – 2
−0.3 to 7.0
V
OVP Pin Voltage
VOVP
7 – 2
−0.3 to 5.0
V
Allowable Power Dissipation of
MOSFET*
PD1
With infinite heatsink
1 – 2
20.2
W
Without heatsink
1 – 2
1.8
W
Internal Frame Temperature in
Operation
TF
―−20 to 115
°C
Operating Ambient Temperature
TOP
―−55 to 115
°C
Storage Temperature
Tstg
―−55 to 125
°C
Channel Temperature
Tch
―
150
°C
*Refer to each individual product datasheet for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com