Electronic Components Datasheet Search
  English  ▼

X  

LC5525F Datasheet(PDF) 21 Page - Sanken electric

Part # LC5525F
Description  LC5500 Series Single-Stage Power Factor Corrected Off-Line Switching Regulators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5525F Datasheet(HTML) 21 Page - Sanken electric

Back Button LC5525F Datasheet HTML 17Page - Sanken electric LC5525F Datasheet HTML 18Page - Sanken electric LC5525F Datasheet HTML 19Page - Sanken electric LC5525F Datasheet HTML 20Page - Sanken electric LC5525F Datasheet HTML 21Page - Sanken electric LC5525F Datasheet HTML 22Page - Sanken electric LC5525F Datasheet HTML 23Page - Sanken electric LC5525F Datasheet HTML 24Page - Sanken electric LC5525F Datasheet HTML 25Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
21
SANKEN ELECTRIC CO., LTD.
LC5500-AN, Rev.1.2
Operation Modes at Startup
Figure 24 shows the operation modes during the startup phase of
the LC551xD, and figure 25 shows those for the LC552xD and
LC552xF. Note that OCP pin voltage, which determines the tim-
ing of quasi-resonant operation, is in positive voltage on the OCP
pin, in reference to the S/GND pin.
During two periods below at startup, IC operation is set to PWM,
with fOSC = 14 kHz:
• While the COMP pin voltage (for LC551xD) and FB pin volt-
age (for LC552xD and LC552xF), in reference to S/GND, are
0 to 0.9 V (the control voltage lower limit for the COMP pin,
VCOMP(MIN), and FB pin, VFB(MIN)): During this period, on-width
is fixed at the Leading Edge Blanking Time, tBW = 500 ns.
• Until the quasi-resonant signal (OCP pin voltage) reaches the
Quasi-Resonant Operation Threshold Voltage-1, VBD(TH1)=
0.24 V: During this period, the output voltage is low; therefore,
the auxiliary winding voltage, VD , is low. Thus the quasi-reso-
nant signal is low.
After those startup operations the output voltage starts increasing,
when the OCP pin voltage reaches VBD(TH1) = 0.24 V, the IC is
switched to quasi-resonant operation (figure 26).
Soft-Start Function
The soft-start function reduces power stress on the incorporated
MOSFET and secondary rectifier during the startup phase.
LC551xD series (non-isolated designs)
The soft-start operation
begins when the COMP pin voltage reaches VCOMP(MIN) = 0.9 V
and lasts until the output current becomes constant. During that
period, the output power gradually increases.
During this period, check the items below:
• VCC pin voltage does not drop to the Operation Stop Voltage,
VCC(OFF)
• Output current reaches the target value before the overload pro-
tection (OLP) is activated by the COMP pin voltage reaching
VCOMP(OLP)2 = 4.5 V
V
CC Pin
Voltage
COMP Pin
Voltage
Output (LED)
Current, I
OUT
Drain
Current, I
D
S/GND
IC turn on
S/GND
GND(I
OUT)
Duration
PWM
(QR)
VCOMP(MIN)= 0.90 V
VCC(BIAS 1
) = 11.0 V
Soft-Start Period
Target
Current
GND(I
D )
Constant current operation
t
ON= tBW(500 ns)
VCC Pin
Voltage
FB Pin
Voltage
Output (LED)
Current, I
OUT
Drain
Current, I
D
S/GND
IC turn on
S/GND
GND(I
OUT)
Duration
PWM
(QR)
VFB (MIN)= 0.90 V
VCC(BIAS 1
) = 11.0 V
Soft-Start Period
Target
Current
GND(I
D )
Constant current operation
t
ON= tBW(500 ns)
Figure 24. Soft-start operation waveforms at startup (LC551xD)
Figure 25. Soft-start operation waveforms at startup (LC552xD/ LC552xF)
GND(ID)
S/GND
VBD(TH1)
PWM operation Quasi-resonant operation (QR)
OCP Pin
Voltage
Drain
Current, ID
Figure 26. OCP Pin Voltage (with time scale expanded)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com