Electronic Components Datasheet Search
  English  ▼

X  

DTC115TM Datasheet(PDF) 2 Page - Rohm

Part # DTC115TM
Description  100mA / 50V Digital transistors(with built-in resistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC115TM Datasheet(HTML) 2 Page - Rohm

  DTC115TM Datasheet HTML 1Page - Rohm DTC115TM Datasheet HTML 2Page - Rohm DTC115TM Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
○
c
2011 ROHM Co., Ltd. All rights reserved.
2011.11 - Rev.C
Data Sheet
DTC115TM / DTC115TE / DTC115TUA / DTC115TKA
Absolute maximum ratings (Ta=25
C)
Parameter
Symbol
Pc
Tj
Tstg
Limits
50
50
5
100
200
150
DTC115TUA / DTC115TKA
DTC115TM / DTC115TE
150
−55 to +150
Unit
V
V
V
mA
mW
˚C
˚C
Collector power
dissipation
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Storage temperature
VCBO
VCEO
VEBO
IC
Electrical characteristics (Ta=25
C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
50
50
5
−
−
−
100
−
70
−
−
−
−
−
−
250
250
100
−
−
−
0.5
0.5
0.3
600
−
130
V
V
V
μA
μA
V
−
MHz
k
Ω
IC=50
μA
IC
=1mA
IE
=50
μA
VCB
=50V
VEB
=4V
IC/IB
=1mA/0.1mA
IC
=1mA, VCE=5V
VCE
=10V, IE=
−5mA, f=100MHz
∗
−
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Input resistance
∗ Characteristics of built-in transistor.
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
R1
Electrical characteristics curves
10
100
1000
0.1
1
10
COLLECTOR CURRENT : IC (mA)
VCE=5V
Ta=100ºC
25ºC
-40ºC
Fig 1. DC Current Gain vs. Collector Current
0.01
0.1
1
0.01
0.1
1
10
OUTPUT CURRENT : IO (mA)
IC/IB=20/1
Ta=100ºC
25ºC
-40ºC
Fig 2. Collector Voltage vs.
Collector Saturation Voltage.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com