Electronic Components Datasheet Search
  English  ▼

X  

DTC115TM Datasheet(PDF) 1 Page - Rohm

Part # DTC115TM
Description  100mA / 50V Digital transistors(with built-in resistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC115TM Datasheet(HTML) 1 Page - Rohm

  DTC115TM Datasheet HTML 1Page - Rohm DTC115TM Datasheet HTML 2Page - Rohm DTC115TM Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
○
c
2011 ROHM Co., Ltd. All rights reserved.
2011.11 - Rev.C
Abbreviated symbol : 09
Abbreviated symbol : 09
Abbreviated symbol : 09
Abbreviated symbol : 09
(1) Base
(2) Emitter
(3) Collector
ROHM : VMT3
DTC115TM
(1) Emitter
(2) Base
(3) Collector
ROHM : EMT3
DTC115TE
(3)
0.32
0.8
1.2
0.13
0.5
0.22
0.4 0.4
(2)
(1)
1.6
0.7
0.15
0.55
0.2
1.0
0.3
(2)
0.5
0.5
(3)
0.2
(1)
0.2
0.15
0.9
0.7
0.3
(3)
0.65
(2)
2.0
1.3
(1)
0.65
ROHM : SMT3
EIAJ : SC-59
DTC115TKA
ROHM : UMT3
EIAJ : SC-70
DTC115TUA
(2)
(1)
0.4
(3)
2.9
1.9
0.95
0.95
0.8
0.15
1.1
(1) Emitter
(2) Base
(3) Collector
(1) Emitter
(2) Base
(3) Collector
100mA / 50V Digital transistors
(with built-in resistors)
DTC115TM / DTC115TE / DTC115TUA / DTC115TKA
Applications
Dimensions (Unit : mm)
Inverter, Interface, Driver
Features
1)Built-in bias resistors enable the configuration of an
inverter circuit without connecting external input
resistors.
2)The bias resistors consist of thin-film resistors with
complete isolation to allow negative biasing of the
input, and parasitic effects are almost completely
eliminated.
3)Only the on / off conditions need to be set for
operation, making the device design easy.
4) Higher mounting densities can be achieved.
Structure
NPN epitaxial planar silicon transistor
(Resistor built-in type)
Packaging specifications
TL
UMT3
EMT3
SMT3
DTC115TE
DTC115TM
Part No.
DTC115TUA
3000
T2L
VMT3
8000
T106
3000
T146
3000
DTC115TKA
−
−
−
−
−
−
−
−
−
−
−
−
Package
Packaging type
Taping
Taping
Taping
Taping
Code
Basic ordering
unit (pieces)
Inner circuit
C
B
E
R1
E : Emitter
C : Collector
B : Base
R1=100k
Ω


Similar Part No. - DTC115TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC115TM ROHM-DTC115TM Datasheet
73Kb / 3P
Digital transistors (built in resistor)
DTC115TM ROHM-DTC115TM Datasheet
143Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
DTC115TM ROHM-DTC115TM Datasheet
1Mb / 8P
NPN 100mA 50V Digital Transistor
logo
ON Semiconductor
DTC115TM3 ONSEMI-DTC115TM3 Datasheet
143Kb / 11P
Digital Transistors (BRT) R1 = 100 k R2 = k
February, 2012 ??Rev. 1
DTC115TM3 ONSEMI-DTC115TM3 Datasheet
134Kb / 11P
Digital Transistors (BRT)
November, 2016 ??Rev. 2
More results

Similar Description - DTC115TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZM ROHM-DTA143ZM Datasheet
86Kb / 4P
-100mA / -50V Digital transistors (with built-in resistors)
DTC143TEB ROHM-DTC143TEB Datasheet
105Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
DTA123EE ROHM-DTA123EE_09 Datasheet
165Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
DTA123YE ROHM-DTA123YE_09 Datasheet
147Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
DTA124TE ROHM-DTA124TE_09 Datasheet
145Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
DTC114EE ROHM-DTC114EE_09 Datasheet
167Kb / 4P
100mA / 50V Digital transistors (with built-in resistors)
DTC114YE ROHM-DTC114YE_09 Datasheet
146Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
DTA043EM ROHM-DTA043EM Datasheet
332Kb / 3P
100mA/-50V Digital transistors(with built-in resistors)
DTC044EM ROHM-DTC044EM Datasheet
308Kb / 3P
100mA/50V Digital transistors(with built-in resistors)
DTC144GE ROHM-DTC144GE_11 Datasheet
154Kb / 3P
100mA / 50V Digital transistors(with built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com