Electronic Components Datasheet Search
  English  ▼

X  

MP6M12 Datasheet(PDF) 1 Page - Rohm

Part # MP6M12
Description  4V Drive Nch Pch MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6M12 Datasheet(HTML) 1 Page - Rohm

  MP6M12 Datasheet HTML 1Page - Rohm MP6M12 Datasheet HTML 2Page - Rohm MP6M12 Datasheet HTML 3Page - Rohm MP6M12 Datasheet HTML 4Page - Rohm MP6M12 Datasheet HTML 5Page - Rohm MP6M12 Datasheet HTML 6Page - Rohm MP6M12 Datasheet HTML 7Page - Rohm MP6M12 Datasheet HTML 8Page - Rohm MP6M12 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
4V Drive Nch + Pch MOSFET
MP6M12
Structure
Silicon N-channel MOSFET/
Silicon P-channel MOSFET
Features
1) Low on-resistance.
2) Built-in G-S Protection Diode.
3) Small Surface Mount Package (MPT6).
Application
Switching
Packaging specifications
Package
Taping
Code
TCR
Basic ordering unit (pieces)
1000
MP6M12
Absolute maximum ratings (Ta = 25
C)
Tr1 : N-ch Tr2 : P-ch
Drain-source voltage
VDSS
30
30
V
Gate-source voltage
VGSS
±20
±20
V
Continuous
ID
5.0
5.0
A
Pulsed
IDP
12
12
A
Continuous
Is
1.6
1.6
A
Pulsed
Isp
12
12
A
W / TOTAL
W / ELEMENT
Channel temperature
Tch
C
Range of storage temperature
Tstg
C
*1 Pw
10s, Duty cycle1%
*2 Mounted on a ceramic board.
Type
Source current
(Body Diode)
Drain current
Parameter
Total power dissipation
PD
Symbol
2.0
55 to 150
Unit
Limits
1.4
150
(1) Tr1 Source
(2) Tr1 Gate
(3) Tr2 Drain
(4) Tr2 Source
(5) Tr2 Gate
(6) Tr1 Drain
∗
1 ESD PROTECTION DIODE
∗
2 BODY DIODE
MPT6
(Duel)
(1)
(2)
(3)
(6)
(5)
(4)
*1
*1
Dimensions (Unit : mm)
Inner circuit
∗2
∗2
∗1
∗1
(1)
(2)
(3)
(6)
(5)
(4)
*2
1/10
2011.10 - Rev.A


Similar Part No. - MP6M12

ManufacturerPart #DatasheetDescription
logo
Rohm
MP6M11 ROHM-MP6M11 Datasheet
1Mb / 11P
4V Drive Nch Pch MOSFET
MP6M14 ROHM-MP6M14 Datasheet
1Mb / 11P
4V Drive Nch Pch MOSFET
More results

Similar Description - MP6M12

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8M2 ROHM-SP8M2 Datasheet
74Kb / 4P
4V Drive Nch Pch MOSFET
SH8M2 ROHM-SH8M2_09 Datasheet
168Kb / 4P
4V Drive NchPch MOSFET
SH8M4 ROHM-SH8M4_09 Datasheet
187Kb / 6P
4V Drive NchPch MOSFET
SH8M24 ROHM-SH8M24_09 Datasheet
168Kb / 4P
4V Drive NchPch MOSFET
QS8M11 ROHM-QS8M11 Datasheet
1Mb / 9P
4V Drive Nch Pch MOSFET
QS8M12 ROHM-QS8M12 Datasheet
1Mb / 11P
4V Drive Nch Pch MOSFET
QS8M51 ROHM-QS8M51 Datasheet
1Mb / 11P
4V Drive Nch Pch MOSFET
SH8M12 ROHM-SH8M12 Datasheet
1Mb / 11P
4V Drive Nch Pch MOSFET
SP8M51 ROHM-SP8M51 Datasheet
1Mb / 11P
4V Drive Nch Pch MOSFET
QS8M12TCR ROHM-QS8M12TCR Datasheet
743Kb / 11P
4V Drive Nch Pch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com