Electronic Components Datasheet Search
  English  ▼

X  

BTS113 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BTS113
Description  TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS113 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BTS113 Datasheet HTML 1Page - Siemens Semiconductor Group BTS113 Datasheet HTML 2Page - Siemens Semiconductor Group BTS113 Datasheet HTML 3Page - Siemens Semiconductor Group BTS113 Datasheet HTML 4Page - Siemens Semiconductor Group BTS113 Datasheet HTML 5Page - Siemens Semiconductor Group BTS113 Datasheet HTML 6Page - Siemens Semiconductor Group BTS113 Datasheet HTML 7Page - Siemens Semiconductor Group BTS113 Datasheet HTML 8Page - Siemens Semiconductor Group BTS113 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
04.97
TEMPFET®
BTS 113A
3
2
1
Features
q
N channel
q
Logic level
q
Enhancement mode
q
Temperature sensor with thyristor characteristic
q
The drain pin is electrically shorted to the tab
Pin
1
2
3
GD
S
Type
V
DS
I
D
R
DS(on)
Package
Ordering Code
BTS 113A
60 V
11.5 A
0.17
Ω
TO-220AB
C67078-S5015-A2
Maximum Ratings
Parameter
Symbol
Values
Unit
Drain-source voltage
V
DS
60
V
Drain-gate voltage,
R
GS = 20 kΩ
V
DGR
60
Gate-source voltage
V
GS
± 10
Continuous drain current,
T
C = 25 °C
I
D
11.5
A
ISO drain current
T
C = 85 ˚C, VGS = 10 V, VDS = 0.5 V
I
D-ISO
2.2
Pulsed drain current,
T
C = 25 °C
I
D puls
46
Short circuit current,
T
j = – 55 ... + 150 °C
I
SC
27
Short circuit dissipation,
T
j = – 55 ... + 150 °C
P
SCmax
400
W
Power dissipation
P
tot
40
Operating and storage temperature range
T
j, Tstg
– 55 ... + 150
°C
DIN humidity category, DIN 40 040
–
E
–
IEC climatic category, DIN IEC 68-1
–
55/150/56
Thermal resistance
Chip-case
Chip-ambient
R
th JC
R
th JA
≤ 3.1
≤ 75
K/W


Similar Part No. - BTS113

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BTS113 ISC-BTS113 Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
BTS113A INFINEON-BTS113A Datasheet
548Kb / 10P
TEMPFET(N-channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
More results

Similar Description - BTS113

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS115A SIEMENS-BTS115A Datasheet
307Kb / 9P
TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
BTS121A SIEMENS-BTS121A Datasheet
324Kb / 9P
TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
BTS131 SIEMENS-BTS131 Datasheet
295Kb / 9P
TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
BTS132 SIEMENS-BTS132 Datasheet
289Kb / 9P
TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
logo
Infineon Technologies A...
BTS112A INFINEON-BTS112A Datasheet
579Kb / 10P
TEMPFET(N-channel Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS113A INFINEON-BTS113A Datasheet
548Kb / 10P
TEMPFET(N-channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS115A INFINEON-BTS115A Datasheet
546Kb / 10P
TEMPFET(N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS121A INFINEON-BTS121A Datasheet
563Kb / 10P
TEMPFET(N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS131 INFINEON-BTS131 Datasheet
525Kb / 10P
TEMPFET(N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS132 INFINEON-BTS132 Datasheet
528Kb / 10P
TEMPFET(N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com