Electronic Components Datasheet Search
  English  ▼

X  

MCD221 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MCD221
Description  CD-Interface and Audio Processor(CIAP)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD221 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MCD221 Datasheet HTML 2Page - Motorola, Inc MCD221 Datasheet HTML 3Page - Motorola, Inc MCD221 Datasheet HTML 4Page - Motorola, Inc MCD221 Datasheet HTML 5Page - Motorola, Inc MCD221 Datasheet HTML 6Page - Motorola, Inc MCD221 Datasheet HTML 7Page - Motorola, Inc MCD221 Datasheet HTML 8Page - Motorola, Inc MCD221 Datasheet HTML 9Page - Motorola, Inc MCD221 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MCD221
MOTOROLA
2–6
REGISTER MEMORY MAP
Table 1. Registers and Buffers
Address (HEX)
Register
Description
0000
—
ADPCM buffer 0
08FE
—
ADPCM buffer 0
0900
—
ADPCM buffer 1
11FE
—
ADPCM buffer 1
1200
—
DATA buffer 0
1B22
—
DATA buffer 0
1B24
—
Q–buffer 0
1B2C
—
Q–buffer 0
1B2E
—
R
W buffer 0
1B8C
—
R
… W buffer 0
1BC2
—
DATA buffer 1
24E4
—
DATA buffer 1
24E6
—
Q–buffer 1
24EE
—
Q–buffer 1
24F0
—
R
W buffer 1
254E
—
R
… W buffer 1
2584
IER
Interrupt enable register
2586
ISR
Interrupt status register
2588
TACS
Temporal audio channel select register
258A
AACS
Actual audio channel select register
258C
TCM1
Temporal channel mask register
258E
ACM1
Actual channel mask register 1
2590
ACM2
Actual channel mask register 2
2592
FILE
File selection register
2594
BMAN
Buffer management register
2596
CCR
CIAP control register
259A
A_SHDW
ADPCM shadow register
25A0
AP_Left
Audio processor unit left register
25A2
AP_Right
Audio processor unit right register
25A4
AP_Vol
Audio processor unit volume register
25A6
APCR
Audio processor control register
25A8
ACONF
Audio configuration register
25AA
ASTAT
Audio processor status register
25C0
ICR
Interrupt control register
25C2
DMACTL
DMA control register
25FE
DLOAD
Download register



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com