Electronic Components Datasheet Search
  English  ▼

X  

MCD221 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCD221
Description  CD-Interface and Audio Processor(CIAP)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD221 Datasheet(HTML) 1 Page - Motorola, Inc

  MCD221 Datasheet HTML 1Page - Motorola, Inc MCD221 Datasheet HTML 2Page - Motorola, Inc MCD221 Datasheet HTML 3Page - Motorola, Inc MCD221 Datasheet HTML 4Page - Motorola, Inc MCD221 Datasheet HTML 5Page - Motorola, Inc MCD221 Datasheet HTML 6Page - Motorola, Inc MCD221 Datasheet HTML 7Page - Motorola, Inc MCD221 Datasheet HTML 8Page - Motorola, Inc MCD221 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MCD221
2–1
MOTOROLA
Technical Summary
CDInterface and Audio
Processor (CIAP)
This technical summary provides a brief description of the MCD221
CD–Interface and Audio Processor. A complete data sheet for the MCD221 is
available and can be ordered from your local Motorola sales office. The order
number is MCD221/D.
The MCD221 has two main functions. The first is to form an interface
between a CD drive unit and a CD–i or Photo–CD player. The connection to the
drive is designed for both applications and can be either a Digital Out (EBU
standard) interface, or an I2S plus subcode interface. The host interface can be
either a 68000 interface for CD–i players, or a serial (SPI) interface for
Photo–CD.
The second function of the MCD221 is to decode ADPCM (CD–i base case)
audio, to perform audio mixing functions as specified in the Green Book, and to
be able to add external audio to the base case audio. The MCD221 can also be
used for handling the ADPCM decoding for Photo–CD.
The main features of the MCD221 are as follows:
• Accepts Audio Inputs in I2S Format (MPEG1) for Mixing with CIAP Internal
Audio
• Output Can Be Either I2S or SONY Format
• Data Input Rate Can Be Up to 2 Times Normal Speed
• Can Connect to a Host via Either a 68K or Serial Interface
• 80–Pin Quad Flat Pack (QFP)
NOTE: Supply of this Video–CD IC does not convey an implied license under any patent right to use this IC in any Video–CD application.
CD–i is a registered trademark of Philips Consumer Electronics.
Order this document
by MCD221TS/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MCD221
FU SUFFIX
QFP PACKAGE
CASE 841B–01
ORDERING INFORMATION
MCD221FU
QFP
© Motorola, Inc. 1995
REV 0
2/95


Similar Part No. - MCD221

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCD220-08IO1 IXYS-MCD220-08IO1 Datasheet
143Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCD220-12IO1 IXYS-MCD220-12IO1 Datasheet
143Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCD220-14IO1 IXYS-MCD220-14IO1 Datasheet
143Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCD220-16IO1 IXYS-MCD220-16IO1 Datasheet
143Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCD224-20IO1 IXYS-MCD224-20IO1 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
More results

Similar Description - MCD221

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2500AQ SONY-CXD2500AQ Datasheet
1Mb / 45P
CD DIGITAL SIGNAL PROCESSOR
logo
List of Unclassifed Man...
ES3880 ETC-ES3880 Datasheet
63Kb / 4P
Video CD MPEG Processor
ES3890 ETC1-ES3890 Datasheet
91Kb / 6P
Video CD Processor
logo
Maxim Integrated Produc...
MAX5406 MAXIM-MAX5406 Datasheet
501Kb / 26P
Audio Processor with Pushbutton Interface
Rev 0; 5/06
logo
Texas Instruments
TAS3208 TI-TAS3208 Datasheet
221Kb / 9P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3308 TI-TAS3308 Datasheet
370Kb / 11P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218 Datasheet
1Mb / 78P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218_1 Datasheet
1Mb / 79P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208 TI1-TAS3208_15 Datasheet
991Kb / 79P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
logo
Maxim Integrated Produc...
MAX5406 MAXIM-MAX5406_V01 Datasheet
2Mb / 25P
Audio Processor with Pushbutton Interface
19-3817; Rev 1; 4/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com