Electronic Components Datasheet Search
  English  ▼

X  

2N4237 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N4237
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N4237 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N4237 Datasheet HTML 1Page - Central Semiconductor Corp 2N4237 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N4237
2N4238
2N4239
NPN SILICON TRANSISTOR
JEDEC TO-39 CASE
Central
Semiconductor Corp.
TM
R1 (22-February 2007)
DESCRIPTION:
The
CENTRAL
SEMICONDUCTOR
2N4237,
2N4238, and 2N4239 are Silicon NPN Transistors,
in a hermetically sealed metal case designed for
power amplifier, power driver and switching power
supply applications.
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
2N4237
2N4238
2N4239
UNITS
Collector-Base Voltage
VCBO
50
80
100
V
Collector-Emitter Voltage
VCEO
40
60
80
V
Emitter-Base Voltage
VEBO
6.0
6.0
6.0
V
Collector Current
IC
3.0
3.0
3.0
A
Base Current
IB
0.5
0.5
0.5
A
Power Dissipation
PD
6.0
6.0
6.0
W
Operating and Storage
TJ,Tstg
-65 to +200
°C
Junction Temperature
Thermal Resistance
Θ
JC
29.2
°C/W
ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB= Rated VCBO
0.1
mA
ICEV
VCE=45V, VEB=1.5V (2N4237)
0.1
mA
ICEV
VCE=75V, VEB=1.5V (2N4238)
0.1
mA
ICEV
VCE=90V, VEB=1.5V (2N4239)
0.1
mA
ICEV
VCE=30V, VEB=1.5V, TC=150°C (2N4237)
1.0
mA
ICEV
VCE=50V, VEB=1.5V, TC=150°C (2N4238)
1.0
mA
ICEV
VCE=70V, VEB=1.5V , TC=150°C (2N4239)
1.0
mA
ICEO
VCE= Rated VCEO
0.7
mA
IEBO
VEB=6.0V
0.5
mA
BVCEO
IC= 100mA (2N4237)
40
V
BVCEO
IC= 100mA (2N4238)
60
V
BVCEO
IC= 100mA (2N4239)
80
V
VCE(SAT)
IC= 500mA, IB=50mA
0.3
V
VCE(SAT)
IC=1.0A, IB=0.1A
0.6
V
VBE(SAT)
IC=1.0A, IB=0.1A
1.5
V
VBE(ON)
VCE=1.0V, IC=250mA
1.0
V


Similar Part No. - 2N4237

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N4237 BOCA-2N4237 Datasheet
174Kb / 4P
GENERAL PURPOSE TRANSISTOR (NPN SILICON)
logo
Micro Electronics
2N4237 MICRO-ELECTRONICS-2N4237 Datasheet
150Kb / 2P
COMPLEMENTARY SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Central Semiconductor C...
2N4237 CENTRAL-2N4237 Datasheet
55Kb / 1P
Small Signal Transistors
logo
List of Unclassifed Man...
2N4237 ETC-2N4237 Datasheet
347Kb / 8P
Power Transistors
logo
Microsemi Corporation
2N4237 MICROSEMI-2N4237 Datasheet
56Kb / 2P
NPN MEDIUM POWER SILICON TRANSISTOR
More results

Similar Description - 2N4237

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com