Electronic Components Datasheet Search
  English  ▼

X  

2N4237 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 2N4237
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N4237 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  2N4237 Datasheet HTML 1Page - Central Semiconductor Corp 2N4237 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
TO-39 CASE - MECHANICAL OUTLINE
2N4237
2N4238
2N4239
NPN SILICON TRANSISTOR
R1 (22-February 2007)
LEAD CODE:
1) EMITTER
2) BASE
3) COLLECTOR
MARKING CODE:
FULL PART NUMBER
ELECTRICAL CHARACTERISTICS (Continued) (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hFE
VCE=1.0V, IC=50mA
30
hFE
VCE=1.0V, IC=250mA
30
250
hFE
VCE=1.0V, IC=500mA
30
hFE
VCE=1.0V, IC=1.0A
15
hfe
VCE=10V, IC=100mA, f=1.0kHz
30
fT
VCE=10V, IC=100mA, f=1.0kHz
2.0
MHz
Cob
VCB=10V, IE=0, f=0.1MHz
100
pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com