Electronic Components Datasheet Search
  English  ▼

X  

BTS550P Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # BTS550P
Description  Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS550P Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button BTS550P Datasheet HTML 7Page - Siemens Semiconductor Group BTS550P Datasheet HTML 8Page - Siemens Semiconductor Group BTS550P Datasheet HTML 9Page - Siemens Semiconductor Group BTS550P Datasheet HTML 10Page - Siemens Semiconductor Group BTS550P Datasheet HTML 11Page - Siemens Semiconductor Group BTS550P Datasheet HTML 12Page - Siemens Semiconductor Group BTS550P Datasheet HTML 13Page - Siemens Semiconductor Group BTS550P Datasheet HTML 14Page - Siemens Semiconductor Group BTS550P Datasheet HTML 15Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Preliminary Data Sheet BTS550P
Semiconductor Group
Page 13
1998-Aug-31
Timing diagrams
Figure 1a: Switching a resistive load,
change of load current in on-condition:
I
IN
t
V
OUT
I
L
I
IS
tson(IS)
tt
slc(IS)
Load 1
Load 2
soff(IS)
t
t
t
on
off
slc(IS)
90%
dV/dton
dV/dtoff
10%
The sense signal is not valid during a settling time
after turn-on/off and after change of load current.
Figure 2a: Switching motors and lamps:
I
IN
t
V
OUT
I
IL
I
IS
Sense current saturation can occur at very high
inrush currents (see IIS,lim on page 5).
Figure 2b: Switching an inductive load:
I
IN
t
V
OUT
I
L
I
IS
Figure 3a: Short circuit:
shut down by short circuit detection, reset by IIN = 0.
I
IN
I
L
IL(SCp)
IIS
t
td(SC)
VOUT=0
VOUT>>0
Shut down remains latched until next reset via input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com