Electronic Components Datasheet Search
  English  ▼

X  

AD7609 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7609
Description  8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7609 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7609 Datasheet HTML 11Page - Analog Devices AD7609 Datasheet HTML 12Page - Analog Devices AD7609 Datasheet HTML 13Page - Analog Devices AD7609 Datasheet HTML 14Page - Analog Devices AD7609 Datasheet HTML 15Page - Analog Devices AD7609 Datasheet HTML 16Page - Analog Devices AD7609 Datasheet HTML 17Page - Analog Devices AD7609 Datasheet HTML 18Page - Analog Devices AD7609 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Data Sheet
AD7609
Rev. A | Page 15 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
–160
–140
–120
–100
–80
–60
–40
–20
0
0
20k
40k
60k
80k
100k
INPUT FREQUENCY (Hz)
AVCC, VDRIVE = 5V
INTERNAL REFERENCE
±10V RANGE
fSAMPLE = 200 kSPS
fIN = 1kHz
16384 POINT FFT
SNR = 91.52dB
THD = –111.05dB
Figure 8. FFT Plot, ±10 V Range
–160
–140
–120
–100
–80
–60
–40
–20
0
0
20k
40k
60k
80k
100k
INPUT FREQUENCY (Hz)
AVCC, VDRIVE = 5V
INTERNAL REFERENCE
±5V RANGE
fSAMPLE = 200kSPS
f IN = 1kHz
16,384 POINT FFT
SNR = 91.12dB
THD = –109.77dB
Figure 9. FFT Plot, ±5 V Range
–160
–140
–120
–100
–80
–60
–40
–20
0
0
1
2
3
4
5
6
INPUT FREQUENCY (kHz)
AVCC, VDRIVE = 5V
INTERNAL REFERENCE
±10V RANGE
fSAMPLE = 12.5kSPS
fIN = 1Hz
8192 POINT FFT
SNR = 100.71dB
THD: –111.74 dB
Figure 10. FFT Plot, ±10 V Range
–3
–2
–1
0
1
2
3
CODE
±10V RANGE
AVCC, VDRIVE = 5V
TA = 25°C
fSAMPLE = 200 kSPS
WCP INL = 1.69 LSB
WCN INL = –1.3 LSB
Figure 11. Typical INL, ±10 V Range
CODE
–1.0
0
1.0
0.8
0.6
0.4
0.2
–0.2
–0.4
–0.6
–0.8
±10V RANGE
AVCC, VDRIVE = 5V
TA = 25°C
fSAMPLE = 200 kSPS
WCP DNL = 0.33 LSB
WCN DNL = –0.32 LSB
Figure 12. Typical DNL, ±10 V Range
–3
–2
–1
0
1
2
3
CODE
±5V RANGE
AVCC, VDRIVE = 5V
TA = 25°C
fSAMPLE = 200 kSPS
WCP INL = 1.56 LSB
WCN INL = –1.22 LSB
Figure 13. Typical INL, ±5 V Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com