Electronic Components Datasheet Search
  English  ▼

X  

AD7609 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7609
Description  8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7609 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7609 Datasheet HTML 13Page - Analog Devices AD7609 Datasheet HTML 14Page - Analog Devices AD7609 Datasheet HTML 15Page - Analog Devices AD7609 Datasheet HTML 16Page - Analog Devices AD7609 Datasheet HTML 17Page - Analog Devices AD7609 Datasheet HTML 18Page - Analog Devices AD7609 Datasheet HTML 19Page - Analog Devices AD7609 Datasheet HTML 20Page - Analog Devices AD7609 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Data Sheet
AD7609
Rev. A | Page 17 of 36
80
85
90
95
100
105
10
100
10k
10k
100k
INPUT FREQUENCY (Hz)
NO OS
OS × 2
OS × 4
OS × 8
OS × 16
OS × 32
OS × 64
AVCC, VDRIVE = 5V
fSAMPLE CHANGES WITH OS RATE
TA = 25°C
INTERNAL REFERENCE
±5V RANGE
Figure 20. SNR vs. Input Frequency, ±5 V Range
–120
–110
–100
–90
–80
–70
–60
1
10
100
FREQUENCY (kHz)
±10V RANGE
AVCC, VDRIVE = 5V
TA = 25°C
fSAMPLE = 200 kSPS
RSOURCE MATCHED
ON Vx+, Vx– INPUTS
10kΩ
5kΩ
10Ω
0Ω
1.2kΩ
500Ω
Figure 21. THD vs. Input Frequency for Various Source Impedances,
±10 V Range
–120
–110
–100
–90
–80
–70
–60
–50
–40
1
10
100
FREQUENCY (kHz)
±5V RANGE
AVCC, VDRIVE = 5V
TA = 25°C
fSAMPLE = 200 kSPS
RSOURCE MATCHED
ON Vx+, Vx– INPUTS
10kΩ
5kΩ
10Ω
0Ω
1.2kΩ
500Ω
Figure 22. THD vs. Input Frequency for Various Source Impedances,
±5 V Range
200 kSPS
AVCC,VDRIVE = 5V
EXTERNAL REFERENCE
±5V RANGE
±10V RANGE
–6
–4
–2
0
2
4
6
8
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
Figure 23. Bipolar Zero Code Error vs. Temperature
16
12
8
4
0
–4
–8
–12
–40
–25
–10
5
20
35
50
65
80
–16
TEMPERATURE (°C)
200kSPS
AVCC, VDRIVE = 5V
EXTERNAL REFERENCE
±5V RANGE
±10V RANGE
Figure 24. Bipolar Zero Code Error Matching Between Channels
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
160
140
120
100
80
60
40
20
–140
NOISE FREQUENCY (kHz)
AVCC, VDRIVE = 5V
INTERNAL REFERENCE
AD7609 RECOMMENDED DECOUPLING USED
fSAMPLE = 200kSPS
TA = 25°C
±5V RANGE
±10V RANGE
Figure 25. Channel-to-Channel Isolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com