Electronic Components Datasheet Search
  English  ▼

X  

AD8236 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8236
Description  Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8236 Datasheet(HTML) 1 Page - Analog Devices

  AD8236 Datasheet HTML 1Page - Analog Devices AD8236 Datasheet HTML 2Page - Analog Devices AD8236 Datasheet HTML 3Page - Analog Devices AD8236 Datasheet HTML 4Page - Analog Devices AD8236 Datasheet HTML 5Page - Analog Devices AD8236 Datasheet HTML 6Page - Analog Devices AD8236 Datasheet HTML 7Page - Analog Devices AD8236 Datasheet HTML 8Page - Analog Devices AD8236 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Noise, Low Gain Drift, G = 2000
Instrumentation Amplifier
Data Sheet
AD8428
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Fixed gain of 2000
Access to internal nodes provides flexibility
Low noise: 1.5 nV/√Hz input voltage noise
High accuracy dc performance
Gain drift: 10 ppm/°C
Offset drift: 1 μV/°C
Gain accuracy: 0.2%
CMRR: 130 dB min
Excellent ac specifications
Bandwidth: 3.5 MHz
Slew rate: 40 V/μs
Power supply range: ±4 V to ±18 V
8-pin SOIC package
ESD protection >5000 V (HBM)
Temperature range for specified performance:
−40°C to +85°C
Operational up to 125°C
APPLICATIONS
Sensor interface
Medical instrumentation
Patient monitoring
FUNCTIONAL BLOCK DIAGRAM
+IN
–IN
–FIL
+FIL
+VS
–VS
AD8428
3kΩ
6kΩ
6kΩ
6kΩ
6kΩ
120kΩ
120kΩ
30.15Ω
3kΩ
OUT
REF
Figure 1.
Table 1. Instrumentation Amplifiers by Category1
General-
Purpose
Zero
Drift
Military
Grade
Low
Power
Low
Noise
AD8220
AD8231
AD620
AD627
AD8428
AD8221
AD8290
AD621
AD623
AD8429
AD8222
AD8293
AD524
AD8235
AD8224
AD8553
AD526
AD8236
AD8228
AD8556
AD624
AD8426
AD8295
AD8557
AD8226
AD8227
1 See www.analog.com for the latest instrumentation amplifiers.
GENERAL DESCRIPTION
The AD8428 is an ultralow noise instrumentation amplifier
designed to accurately measure tiny, high speed signals. It
delivers industry-leading gain accuracy, noise, and bandwidth.
All gain setting resistors for the AD8428 are internal to the part
and are precisely matched. Care is taken in both the chip pinout
and layout. This results in excellent gain drift and quick settling
to the final gain value after the part is powered on.
The high CMRR of the AD8428 prevents unwanted signals
from corrupting the signal of interest. The pinout of the AD8428
is designed to avoid parasitic capacitance mismatches that can
degrade CMRR at high frequencies.
The AD8428 is one of the fastest instrumentation amplifiers
available. The circuit architecture is designed for high bandwidth
at high gain. The AD8428 uses a current feedback topology for
the initial preamplifier gain stage of 200, followed by a difference
amplifier stage of 10. This architecture results in a 3.5 MHz
bandwidth at a gain of 2000 for an equivalent gain bandwidth
product of 7 GHz.
The AD8428 pinout allows access to internal nodes between the
first and second stages. This feature can be useful for modifying
the frequency response between the two amplification stages,
thereby preventing unwanted signals from contaminating the
output results.
The performance of the AD8428 is specified over the industrial
temperature range of −40°C to +85°C. It is available in an 8-lead
plastic SOIC package.


Similar Part No. - AD8236

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8236 AD-AD8236 Datasheet
529Kb / 28P
Wide Supply Range, Micropower,
REV. 0
AD8236 AD-AD8236 Datasheet
805Kb / 28P
Wide Supply Range, Rail-to-Rail
REV. 0
AD8236 AD-AD8236 Datasheet
361Kb / 20P
Low Noise, Low Gain Drift, G = 2000
REV. A
AD8236 AD-AD8236 Datasheet
514Kb / 20P
40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
REV. 0
AD8236ARMZ AD-AD8236ARMZ Datasheet
514Kb / 20P
40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
REV. 0
More results

Similar Description - AD8236

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA166 TI-INA166 Datasheet
148Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
3626 BURR-BROWN-3626 Datasheet
295Kb / 4P
Low Drift INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA166 TI-INA166_06 Datasheet
147Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8228 AD-AD8228 Datasheet
581Kb / 24P
Low Gain Drift Precision Instrumentation Amplifier
REV. 0
AD8428 AD-AD8428_12 Datasheet
361Kb / 20P
Low Noise, Low Gain Drift, G = 2000
REV. A
AD621ANZ AD-AD621ANZ Datasheet
520Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621 AD-AD621_15 Datasheet
520Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV. B
logo
Texas Instruments
INA166 TI1-INA166_08 Datasheet
333Kb / 11P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD621 AD-AD621_16 Datasheet
619Kb / 17P
Low Drift, Low Power Instrumentation Amplifier
REV. B
AD8228 AD-AD8228_16 Datasheet
550Kb / 25P
Low Gain Drift Precision Instrumentation Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com