Electronic Components Datasheet Search
  English  ▼

X  

AD8236 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8236
Description  Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8236 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8236 Datasheet HTML 12Page - Analog Devices AD8236 Datasheet HTML 13Page - Analog Devices AD8236 Datasheet HTML 14Page - Analog Devices AD8236 Datasheet HTML 15Page - Analog Devices AD8236 Datasheet HTML 16Page - Analog Devices AD8236 Datasheet HTML 17Page - Analog Devices AD8236 Datasheet HTML 18Page - Analog Devices AD8236 Datasheet HTML 19Page - Analog Devices AD8236 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8428
Data Sheet
Rev. 0 | Page 16 of 20
RADIO FREQUENCY INTERFERENCE (RFI)
Because of its high gain and low noise properties, the AD8428 is
a highly sensitive amplifier. Therefore, RF rectification can be a
problem if the AD8428 is used in applications that have strong
RF signal sources present. The problem is intensified if long
leads or PCB traces are required to connect the amplifier to the
signal source. The disturbance can appear as a dc offset voltage
or a train of pulses.
High frequency signals can be filtered with a low-pass filter
network at the input of the instrumentation amplifier, as shown
in Figure 44.
R
R
AD8428
+VS
+IN
–IN
0.1µF
10µF
10µF
0.1µF
REF
VOUT
–VS
CD
10nF
CC
1nF
CC
1nF
33Ω
33Ω
L*
L*
*CHIP FERRITE BEAD.
Figure 44. RFI Suppression
The filter limits both the differential and common-mode band-
width, as shown in the following equations:
)
2
(
π
2
1
C
D
DIFF
C
C
R
uency
FilterFreq
+
=
C
CM
RC
uency
FilterFreq
π
2
1
=
where CD ≥ 10 CC.
CD affects the differential signal, and CC affects the common-
mode signal. Choose values of R and CC that minimize RFI. A
mismatch between R × CC at the positive input and R × CC at
the negative input degrades the CMRR of the AD8428. By using
a value of CD one order of magnitude larger than CC, the effect
of the mismatch is reduced, and performance is improved.
Resistors add noise; therefore, the choice of resistor and capac-
itor values depends on the desired trade-off between noise, input
impedance at high frequencies, and RFI immunity. To achieve
low noise and sufficient RFI filtering, the use of inductive ferrite
beads is recommended (see Figure 44). Using inductive ferrite
beads allows the value of the resistors to be reduced, which helps
to minimize the noise at the input.
For best results, place the RFI filter network as close as possible
to the amplifier. Layout is critical to ensure that RF signals are
not picked up on the traces after the filter. If RF interference is
too strong to be filtered, shielding is recommended.
Note that the resistors used for the RFI filter can be the same
as those used for input protection (see the Input Protection
section).
CALCULATING THE NOISE OF THE INPUT STAGE
The total noise of the amplifier front end depends on much
more than the specifications in this data sheet. The three main
contributors to noise are as follows: the source resistance, the
voltage noise of the instrumentation amplifier, and the current
noise of the instrumentation amplifier.
In the following calculations, noise is referred to the input (RTI);
that is, all sources of noise are calculated as if the source appeared
at the amplifier input. To calculate the noise referred to the ampli-
fier output (RTO), simply multiply the RTI noise by the gain of
the instrumentation amplifier.
Source Resistance Noise
Any sensor connected to the AD8428 has some output resistance.
There may also be resistance placed in series with the inputs for
protection from either overvoltage or radio frequency interference.
This combined resistance is labeled R1 and R2 in Figure 45. Any
resistor, no matter how well made, has an intrinsic level of noise.
This noise is proportional to the square root of the resistor value.
At room temperature, the value is approximately equal to
4 nV/√Hz × √(resistor value in kΩ).
R2
R1
SENSOR
AD8428
Figure 45. Source Resistance from Sensor and Protection Resistors
For example, assuming that the combined sensor and protec-
tion resistance is 4 kΩ on the positive input and 1 kΩ on the
negative input, the total noise from the input resistance is
(
) (
)
Hz
nV/
9
.
8
16
64
1
4
4
4
2
2
=
+
=
×
+
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com