Electronic Components Datasheet Search
  English  ▼

X  

AD8630 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8630
Description  30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8630 Datasheet HTML 6Page - Analog Devices AD8630 Datasheet HTML 7Page - Analog Devices AD8630 Datasheet HTML 8Page - Analog Devices AD8630 Datasheet HTML 9Page - Analog Devices AD8630 Datasheet HTML 10Page - Analog Devices AD8630 Datasheet HTML 11Page - Analog Devices AD8630 Datasheet HTML 12Page - Analog Devices AD8630 Datasheet HTML 13Page - Analog Devices AD8630 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADA4638-1
Data Sheet
Rev. 0 | Page 10 of 24
0
20
40
60
80
100
120
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
RL = 2kΩ
RL = 10kΩ
RL = 100kΩ
VSY = ±2.5V
Figure 21. Output Voltage (VOH) to Supply Rail vs. Temperature
0
0.2
0.4
0.6
0.8
1.0
1.2
02468
10 12 14 16 18 20 22 24 26 28 30
SUPPLY VOLTAGE (V)
–40°C
+25°C
+85°C
+125°C
Figure 22. Supply Current vs. Supply Voltage
–135
–90
–45
0
45
90
135
–40
–20
0
20
40
60
80
1k
10k
100k
1M
10M
FREQUENCY (Hz)
20pF
200pF
GAIN
PHASE
VSY =±2.5V
RL = 10kΩ
Figure 23. Open-Loop Gain and Phase vs. Frequency
0
100
200
300
400
500
600
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
RL = 2kΩ
RL = 10kΩ
RL = 100kΩ
VSY = ±15V
Figure 24. Output Voltage (VOH) to Supply Rail vs. Temperature
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VSY =±15V
VSY =±2.5V
VSY =±5V
Figure 25. Supply Current vs. Temperature
–135
–90
–45
0
45
90
135
–40
–20
0
20
40
60
80
1k
10k
100k
1M
10M
FREQUENCY (Hz)
20pF
200pF
GAIN
PHASE
VSY =±15V
RL = 10kΩ
Figure 26. Open-Loop Gain and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com