Electronic Components Datasheet Search
  English  ▼

X  

AD8630 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8630
Description  30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8630 Datasheet HTML 11Page - Analog Devices AD8630 Datasheet HTML 12Page - Analog Devices AD8630 Datasheet HTML 13Page - Analog Devices AD8630 Datasheet HTML 14Page - Analog Devices AD8630 Datasheet HTML 15Page - Analog Devices AD8630 Datasheet HTML 16Page - Analog Devices AD8630 Datasheet HTML 17Page - Analog Devices AD8630 Datasheet HTML 18Page - Analog Devices AD8630 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADA4638-1
Rev. 0 | Page 15 of 24
TIME (1s/DIV)
VSY = ±2.5V
VCM =VSY/2
AV = +100
Figure 51. 0.1 Hz to 10 Hz Noise
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
1
VIN (V rms)
VSY = ±2.5V
RL =10kΩ
f= 1kHz
AV = +1
80kHz
FILTER
500kHz
FILTER
Figure 52. THD + N vs. Amplitude
0.0001
0.001
0.01
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±2.5V
RL = 10kΩ
VIN = 0.5V rms
AV = +1
80kHz FILTER
500kHz FILTER
Figure 53. THD + N vs. Frequency
VSY = ±15V
VCM =VSY/2
AV = +100
TIME (1s/DIV)
Figure 54. 0.1 Hz to 10 Hz Noise
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
10
1
VIN (V rms)
VSY = ±15V
RL =10kΩ
f=1kHz
AV = +1
80kHz
FILTER
500kHz
FILTER
Figure 55. THD + N vs. Amplitude
0.0001
0.001
0.01
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±15V
RL = 10kΩ
VIN = 7V rms
AV = +1
80kHz FILTER
500kHz FILTER
Figure 56. THD + N vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com