Electronic Components Datasheet Search
  English  ▼

X  

AD7986 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7986
Description  1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7986 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7986 Datasheet HTML 3Page - Analog Devices AD7986 Datasheet HTML 4Page - Analog Devices AD7986 Datasheet HTML 5Page - Analog Devices AD7986 Datasheet HTML 6Page - Analog Devices AD7986 Datasheet HTML 7Page - Analog Devices AD7986 Datasheet HTML 8Page - Analog Devices AD7986 Datasheet HTML 9Page - Analog Devices AD7986 Datasheet HTML 10Page - Analog Devices AD7986 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADA4896-2/ADA4897-1
Rev. 0 | Page 7 of 28
+3 V SUPPLY
TA = 25°C, G = +1, RL = 1 kΩ to midsupply, unless otherwise noted.
Table 5.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VOUT = 0.02 V p-p
230
MHz
G = −1, VOUT = 1 V p-p
45
MHz
G = +2, VOUT = 0.02 V p-p
90
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VOUT = 2 V p-p, RL = 100 Ω
7
MHz
Slew Rate
G = +2, VOUT = 1 V step
85
V/μs
Settling Time to 0.1%
G = +2, VOUT = 2 V step
45
ns
Settling Time to 0.01%
G = +2, VOUT = 2 V step
96
ns
NOISE/HARMONIC PERFORMANCE
Harmonic Distortion (dBc) SFDR
fC = 100 kHz, VOUT = 2 V p-p, G = +2
−105
dBc
fC = 1 MHz, VOUT = 1 V p-p, G = −1
−84
dBc
fC = 2 MHz, VOUT = 1 V p-p, G = −1
−77
dBc
fC = 5 MHz, VOUT = 1 V p-p, G = −1
−60
dBc
Input Voltage Noise
f = 10 Hz
2.3
nV/√Hz
f = 100 kHz
1
nV/√Hz
Input Current Noise
f = 10 Hz
31
pA/√Hz
f = 100 kHz
2.8
pA/√Hz
0.1 Hz to 10 Hz Noise
G = +101, RF = 1 kΩ, RG = 10 Ω
99
nV p-p
DC PERFORMANCE
Input Offset Voltage
−500
−30
+500
uV
Input Offset Voltage Drift
0.2
μV/°C
Input Bias Current
−17
−11
−4
μA
Input Bias Current Drift
3
nA/°C
Input Bias Offset Current
−0.6
−0.02
+0.6
μA
Open-Loop Gain
VOUT = 0.5 V to 2.5 V
95
108
dB
INPUT CHARACTERISTICS
Input Resistance
Common mode/differential
10 M/10 k
Ω
Input Capacitance
Common mode/differential
3/11
pF
Input Common-Mode Voltage Range
0.1 to 2.1
V
Common-Mode Rejection
VCM = +1.1 V to +1.9 V
−90
−124
dB
OUTPUT CHARACTERISTICS
Overdrive Recovery Time
VIN = 0 V to +3 V, G = +2
83
ns
+Output Voltage Swing
RL = 1 kΩ
2.85
2.97
V
−Output Voltage Swing
RL = 1 kΩ
0.15
0.01
V
+Output Voltage Swing
RL = 100 Ω
2.8
2.92
V
−Output Voltage Swing
RL = 100 Ω
0.2
0.05
V
Output Current
45 dBc SFDR
60
mA
Short-Circuit Current
Sinking/sourcing
120
mA
Capacitive Load Drive
30% overshoot, G = +2
39
pF
POWER SUPPLY
Operating Range
3 to 10
V
Quiescent Current per Amplifier
2.5
2.7
2.9
mA
DISABLE = 0 V
0.15
Positive Power Supply Rejection
+VS = 2.7 V to 3.7 V, −VS = 0 V
−96
−121
dB
Negative Power Supply Rejection
+VS = 3 V, −VS = −0.3 V to 0.7 V
−96
−120
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com