Electronic Components Datasheet Search
  English  ▼

X  

AD7986 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7986
Description  1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7986 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7986 Datasheet HTML 16Page - Analog Devices AD7986 Datasheet HTML 17Page - Analog Devices AD7986 Datasheet HTML 18Page - Analog Devices AD7986 Datasheet HTML 19Page - Analog Devices AD7986 Datasheet HTML 20Page - Analog Devices AD7986 Datasheet HTML 21Page - Analog Devices AD7986 Datasheet HTML 22Page - Analog Devices AD7986 Datasheet HTML 23Page - Analog Devices AD7986 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADA4896-2/ADA4897-1
Rev. 0 | Page 20 of 28
CAPACITANCE DRIVE
Putting a small snub resistor (RSNUB) in series with the amplifier
output and the capacitive load mitigates the problem. Figure 48
shows the effect of using a snub resistor (RSNUB) on reducing the
peaking for the worst-case frequency response (gain of +2).
Using RSNUB = 100 Ω eliminates the peaking entirely, with the
trade-off that the closed-loop gain is reduced by 0.8 dB due to
attenuation at the output. RSNUB can be adjusted from 0 Ω to
100 Ω to maintain an acceptable level of peaking and closed-
loop gain, as shown in Figure 48.
Capacitance at the output of an amplifier creates a delay
within the feedback path that, if within the bandwidth of
the loop, can create excessive ringing and oscillation. The
ADA4897-1/ADA4896-2 show the most peaking at a gain
of +2, as demonstrated in Figure 8.
–5
–4
–3
–2
–1
0
1
2
3
FREQUENCY (Hz)
100k
1M
10M
100M
RSNUB = 50Ω
RSNUB = 0Ω
RSNUB = 100Ω
ADA4896-2
RL
1kΩ
R1
249Ω
R2
249Ω
CL
39pF
RSNUB
VIN
VOUT
VS = 5V
VOUT = 200mV p-p
G = +2
Figure 48. Using a Snub Resistor to Reduce Peaking Due to Output Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com