Electronic Components Datasheet Search
  English  ▼

X  

ADL5812 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5812
Description  Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5812 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5812 Datasheet HTML 9Page - Analog Devices ADL5812 Datasheet HTML 10Page - Analog Devices ADL5812 Datasheet HTML 11Page - Analog Devices ADL5812 Datasheet HTML 12Page - Analog Devices ADL5812 Datasheet HTML 13Page - Analog Devices ADL5812 Datasheet HTML 14Page - Analog Devices ADL5812 Datasheet HTML 15Page - Analog Devices ADL5812 Datasheet HTML 16Page - Analog Devices ADL5812 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADL5812
Rev. 0 | Page 13 of 28
4
6
8
10
12
14
16
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
GAIN
NOISE FIGURE
VGS = 0
VGS = 1
VGS = 2
VGS = 3
VGS = 4
VGS = 5
VGS = 6
VGS = 7
Figure 39. Power Conversion Gain and SSB Noise Figure vs. RF Frequency
for All VGS Settings, RFB and LPF Use Optimum Settings
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
0
5
10
15
20
25
30
INPUT IP3
INPUT P1dB
VGS = 0
VGS = 1
VGS = 2
VGS = 3
VGS = 4
VGS = 5
VGS = 6
VGS = 7
Figure 40. Input IP3 and Input P1dB vs. RF Frequency for All VGS Settings,
RFB and LPF Use Optimum Settings
0
5
10
15
20
25
30
–30
–25
–20
–15
–10
–5
0
5
10
RF BLOCKER LEVEL (dBm)
RF = 956MHz
RF = 1950MHz
RF = 2583MHz
Figure 41. SSB Noise Figure vs. 10 MHz Offset Blocker Level
500 600 700 800 900 1000 1100 1200 1300 1400 1500 1600
IF BIAS RESISTOR VALUE (Ω)
RF = 900MHz
RF = 1900MHz
RF = 2500MHz
250
300
350
400
450
500
550
Figure 42. Supply Current vs. IF Bias Resistor Value
0
3
6
9
12
15
18
21
24
27
30
2
4
6
8
10
12
14
16
18
20
22
500 600 700 800 900 1000 1100 1200 1300 1400 1500 1600
IF BIAS RESISTOR VALUE (Ω)
NOISE FIGURE
INPUT IP3
GAIN
RF = 900MHz
RF = 1900MHz
RF = 2500MHz
Figure 43. Power Conversion Gain, Noise Figure, and Input IP3 vs.
IF Bias Resistor Value
0
10
20
30
40
50
60
70
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
TA =–40°C
TA = +25°C
TA =+85°C
Figure 44. IF Channel-to-Channel Isolation vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com