Electronic Components Datasheet Search
  English  ▼

X  

ADL5812 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5812
Description  Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5812 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5812 Datasheet HTML 12Page - Analog Devices ADL5812 Datasheet HTML 13Page - Analog Devices ADL5812 Datasheet HTML 14Page - Analog Devices ADL5812 Datasheet HTML 15Page - Analog Devices ADL5812 Datasheet HTML 16Page - Analog Devices ADL5812 Datasheet HTML 17Page - Analog Devices ADL5812 Datasheet HTML 18Page - Analog Devices ADL5812 Datasheet HTML 19Page - Analog Devices ADL5812 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADL5812
Rev. 0 | Page 16 of 28
3.6 V PERFORMANCE
VS = 5 V, TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, RF power = −10 dBm, LO power = 0 dBm, R1 = R2 = 800 Ω, ZO = 50 Ω, optimum
SPI settings, unless otherwise noted.
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
235
240
245
250
255
260
265
270
275
280
285
290
RF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 53. Supply Current vs. RF Frequency at 3.6 V
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
RF FREQUENCY (MHz)
0
1
2
3
4
5
6
7
8
9
TA = –40°C
TA = +25°C
TA = +85°C
Figure 54. Power Conversion Gain vs. RF Frequency at 3.6 V
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
RF FREQUENCY (MHz)
0
5
10
15
20
25
30
TA = –40°C
TA = +25°C
TA = +85°C
Figure 55. Input IP3 vs. RF Frequency at 3.6 V
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
RF FREQUENCY (MHz)
0
10
20
30
40
50
60
70
TA = –40°C
TA = +25°C
TA = +85°C
Figure 56. Input IP2 vs. RF Frequency at 3.6 V
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
RF FREQUENCY (MHz)
0
2
4
6
8
10
12
-
TA = –40°C
TA = +25°C
TA = +85°C
Figure 57. Input P1dB vs. RF Frequency at 3.6 V
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
0
2
4
6
8
10
12
14
16
18
20
22
24
Figure 58. SSB Noise Figure vs. RF Frequency at 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com