Electronic Components Datasheet Search
  English  ▼

X  

ADM3054 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM3054
Description  5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3054 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM3054 Datasheet HTML 5Page - Analog Devices ADM3054 Datasheet HTML 6Page - Analog Devices ADM3054 Datasheet HTML 7Page - Analog Devices ADM3054 Datasheet HTML 8Page - Analog Devices ADM3054 Datasheet HTML 9Page - Analog Devices ADM3054 Datasheet HTML 10Page - Analog Devices ADM3054 Datasheet HTML 11Page - Analog Devices ADM3054 Datasheet HTML 12Page - Analog Devices ADM3054 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADM3054
Rev. 0 | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Propagation Delay from TxD On to Receiver Active vs. Temperature
Figure 4. Propagation Delay from TxD On to Receiver Active vs. Supply
Voltage, VDD2
Figure 5. Propagation Delay from TxD Off to Receiver Inactive vs.
Temperature
Figure 6. Propagation Delay from TxD Off to Receiver Inactive vs. Supply
Voltage, VDD2
Figure 7. Receiver Input Hysteresis vs. Temperature
Figure 8. Propagation Delay from TxD Off to Bus Inactive vs. Temperature
140
145
150
155
160
165
170
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VDD1 = 3.3V, VDD2 = 5V
VDD1 = 5V, VDD2 = 5V
146
147
148
149
150
151
152
153
154
155
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20 5.25
SUPPLY VOLTAGE, VDD2 (V)
VDD1 = 3.3V, TA = 25°C
VDD1 = 5V, TA = 25°C
TEMPERATURE (°C)
170
180
190
200
210
220
230
240
250
–50
–25
0
25
50
75
100
125
VDD1 = 3.3V, VDD2 = 5V
VDD1 = 5V, VDD2 = 5V
180
185
190
195
200
205
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
SUPPLY VOLTAGE, VDD2 (V)
VDD1 = 3.3V, TA = 25°C
VDD1 = 5V, TA = 25°C
146
147
148
149
150
151
152
153
154
155
156
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VDD1 = 3.3V, VDD2 = 5V
VDD1 = 5V, VDD2 = 5V
60
65
70
75
80
85
90
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VDD1 = 3.3V, VDD2 = 5V
VDD1 = 5V, VDD2 = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com