Electronic Components Datasheet Search
  English  ▼

X  

ADM3054 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM3054
Description  5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3054 Datasheet(HTML) 3 Page - Analog Devices

  ADM3054 Datasheet HTML 1Page - Analog Devices ADM3054 Datasheet HTML 2Page - Analog Devices ADM3054 Datasheet HTML 3Page - Analog Devices ADM3054 Datasheet HTML 4Page - Analog Devices ADM3054 Datasheet HTML 5Page - Analog Devices ADM3054 Datasheet HTML 6Page - Analog Devices ADM3054 Datasheet HTML 7Page - Analog Devices ADM3054 Datasheet HTML 8Page - Analog Devices ADM3054 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADM3054
Rev. 0 | Page 3 of 20
SPECIFICATIONS
Each voltage is relative to its respective ground, 3.0 V ≤ VDD1 ≤ 5.5 V, TA = −40°C to +125°C, 4.75 V ≤ VDD2 ≤ 5.25 V, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT
Power Supply Current Logic Side
TxD/RxD Data Rate 1 Mbps
IDD1
2.5
3.0
mA
Power Supply Current Bus Side
IDD2
Recessive State
10
mA
RL = 60 Ω, see Figure 28
Dominant State
75
mA
RL = 60 Ω, see Figure 28
TxD/RxD Data Rate 1 Mbps
55
mA
RL = 60 Ω, see Figure 28
DRIVER
Logic Inputs
Input Voltage High
VIH
0.7 VDD1
V
TxD
Input Voltage Low
VIL
0.25 VDD1
V
TxD
CMOS Logic Input Currents
IIH, IIL
500
µA
TxD
Differential Outputs
Recessive Bus Voltage
VCANL, VCANH
2.0
3.0
V
VTxD = high, RL = ∞, see Figure 22
CANH Output Voltage
VCANH
2.75
4.5
V
VTxD = low, see Figure 22
CANL Output Voltage
VCANL
0.5
2.0
V
VTxD = low, see Figure 22
Differential Output Voltage
VOD
1.5
3.0
V
VTxD = low, RL = 45 Ω, see Figure 22
VOD
−500
+50
mV
VTxD = high, RL = ∞, see Figure 22
Short-Circuit Current, CANH
ISCCANH
−200
mA
VCANH = −5 V
ISCCANH
−100
mA
VCANH = −36 V
Short-Circuit Current, CANL
ISCCANL
200
mA
VCANL = 36 V
RECEIVER
Differential Inputs
Differential Input Voltage Recessive
VIDR
−1.0
+0.5
V
−2 V < VCANL, VCANH < 7 V,
see Figure 24, CL = 15 pF
−1.0
+0.4
V
−7 V < VCANL, VCANH < 12 V,
see Figure 24, CL = 15 pF
Differential Input Voltage Dominant
VIDD
0.9
5.0
V
−2 V < VCANL, VCANH < 7 V,
see Figure 24, CL = 15 pF
1.0
5.0
V
−7 V < VCANL, VCANH < 12 V,
see Figure 24, CL = 15 pF
Input Voltage Hysteresis
VHYS
150
mV
See Figure 25
CANH, CANL Input Resistance
RIN
5
25
kΩ
Differential Input Resistance
RDIFF
20
100
kΩ
Logic Outputs
Output Voltage Low
VOL
0.2
0.4
V
IOUT = 1.5 mA
Output Voltage High
VOH
VDD1 − 0.3
VDD1 − 0.2
V
IOUT = −1.5 mA
Short-Circuit Current
IOS
7
85
mA
VOUT = GND1 or VDD1
VOLTAGE REFERENCE
Reference Output Voltage
VREF
2.025
3.025
V
|IREF = 50 µA|
VDD2 VOLTAGE SENSE
VDD2SENSE Output Voltage Low
VOL
0.2
0.4
V
IOSENSE = 1.5 mA
VDD2SENSE Output Voltage High
VOH
VDD1 − 0.3
VDD1 − 0.2
V
IOSENSE = −1.5 mA
Bus Voltage Sense Threshold Voltage
VTH(SENSE)
2.0
2.5
V
VDD2
COMMON-MODE TRANSIENT IMMUNITY1
25
kV/µs
VCM = 1 kV, transient, magnitude =
800 V
1 CM is the maximum common-mode voltage slew rate that can be sustained while maintaining specification compliant operation. V
CM is the common-mode potential
difference between the logic and bus sides. The transient magnitude is the range over which the common mode is slewed. The common-mode voltage slew rates
apply to both rising and falling common-mode voltage edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com