Electronic Components Datasheet Search
  English  ▼

X  

AVR601 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AVR601
Description  Atmel Modular Evaluation Kits for Motor Control Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR601 Datasheet(HTML) 8 Page - ATMEL Corporation

  AVR601 Datasheet HTML 1Page - ATMEL Corporation AVR601 Datasheet HTML 2Page - ATMEL Corporation AVR601 Datasheet HTML 3Page - ATMEL Corporation AVR601 Datasheet HTML 4Page - ATMEL Corporation AVR601 Datasheet HTML 5Page - ATMEL Corporation AVR601 Datasheet HTML 6Page - ATMEL Corporation AVR601 Datasheet HTML 7Page - ATMEL Corporation AVR601 Datasheet HTML 8Page - ATMEL Corporation AVR601 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
7803A–AVR–10/08
AVR601
Documentation available:
AVR430 - MC300 Hardware User’s Guide
AVR469 – MC301 Hardware User’s Guide
AVR470 – MC310 Hardware User’s Guide
AVR194 Brushless DC Motor Control using Atmega32M1
Other documentation available:
• AVR435: BLDC/BLAC Motor Control Using a Sinus Modulated PWM Algorithm
• AVR440: Sensorless Control of Two-Phase Brushless DC Motor
• AVR441: Intelligent BLDC Fan Controller with Temperature Sensor and Serial Interface
• AVR442: BLDC Fan Motor Control with ATtiny13
• AVR443: Sensor-based control of three phase Brushless DC motor
• AVR444: Sensorless control of 3-phase brushless DC motors
• AVR446: Linear speed control of stepper motor
• AVR447: Sinusoidal driving of three-phase permanent magnet motor using
ATmega48/88/168
• AVR448: Control of High Voltage Three-phase BLDC Motor
• AVR449: Sinusoidal driving of 3-phase permanent magnet motor using ATtiny261/461/861
• AVR452: Sensor-based Control of Three Phase Brushless DC Motors Using
AT90CAN128/64/32
• AVR492: Brushless DC Motor control using AT90PWM3
• AVR493: Sensorless Commutation of Brushless DC Motor (BLDC) using AT90PWM3 and
ATAVRMC100
• AVR494: AC Induction Motor Control Using the constant V/f Principle and a Natural PWM
Algorithm
• AVR495: AC Induction Motor Control Using the Constant V/f Principle and a Space-vector
PWM Algorithm
• Refer to www.atmel.com for the complete and updated list.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com