Electronic Components Datasheet Search
  English  ▼

X  

AVR601 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AVR601
Description  Atmel Modular Evaluation Kits for Motor Control Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR601 Datasheet(HTML) 1 Page - ATMEL Corporation

  AVR601 Datasheet HTML 1Page - ATMEL Corporation AVR601 Datasheet HTML 2Page - ATMEL Corporation AVR601 Datasheet HTML 3Page - ATMEL Corporation AVR601 Datasheet HTML 4Page - ATMEL Corporation AVR601 Datasheet HTML 5Page - ATMEL Corporation AVR601 Datasheet HTML 6Page - ATMEL Corporation AVR601 Datasheet HTML 7Page - ATMEL Corporation AVR601 Datasheet HTML 8Page - ATMEL Corporation AVR601 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AVR601: Atmel Modular Evaluation Kits for Motor
Control Applications
1.
Introduction
Following the success of the MC100 and MC200 motor control demonstration kits,
Atmel is expanding the support for motor control applications and presents a new
modular concept for Motor Control evaluation kits. As shown on figure 1, each motor
application is now supported by two or three evaluation boards:
• A power board providing the high current to the motor
• A processor board supporting one AVR microcontroller and the user interface
• An optional interface board which may be physically inserted between the Power
Board and the Processor Board for signal conditioning.
Figure 1-1.
System Architecture
Processor
Board
ATtiny861
ATMega32M
ATXmega
...
Interface
Board
(Optional for
Specific
Purpose)
Power Board
MOSFETs
SPM
B1
8
B2
8
B3
8
B4
8/16
A1
8
A2
8
A3
8
A4
8/16
USB
7803A–AVR–10/08
8-bit
Microcontrollers
Application Note


Similar Part No. - AVR601

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AVR600 ATMEL-AVR600 Datasheet
240Kb / 19P
The routing / socket card design provides a low cost solution
More results

Similar Description - AVR601

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
Evaluation Kits
Rev 0; 7/04
MAX2643EVKIT MAXIM-MAX2643EVKIT Datasheet
135Kb / 4P
Evaluation Kits
Rev 0; 4/00
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
Evaluation Kits
Rev 2; 5/01
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
Evaluation Kits
Rev 1; 5/01
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
Evaluation Kits
Rev 2; 1/98
MAX3541 MAXIM-MAX3541_09 Datasheet
581Kb / 10P
Evaluation Kits
Rev 0; 2/09
logo
ATMEL Corporation
ATSAM3N-EK ATMEL-ATSAM3N-EK Datasheet
565Kb / 2P
Atmel Evaluation Kits
ATAN0075 ATMEL-ATAN0075 Datasheet
1Mb / 15P
Atmel RFID Kits Overview
logo
Maxim Integrated Produc...
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
Evaluation Kits
Rev 4; 3/21
MAX32650-EVKIT MAXIM-MAX32650-EVKIT Datasheet
1Mb / 16P
Evaluation Kits
Rev 8; 4/21
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com