Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 117 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 117 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 113Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 114Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 115Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 116Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 117Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 118Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 119Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 120Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 121Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
116
March 06 , 2012
Rev. 1.50
117
March 06 , 2012
CTM, PWM Mode, Edge-aligned Mode, T0DPX=0
CCRP
001b
010b
011b
100b
101b
110b
111b
000b
Period
128
256
384
512
640
768
896
1024
Duty
CCRA
If fSYS = 16MHz, TM clock source is fSYS/4, CCRP = 100b and CCRA = 128,
The CTM PWM output frequency = (fSYS/4) / 512 = fSYS/2048 = 7.8125 kHz, duty = 128/512 = 25%.
If the Duty value defined by the CCRA register is equal to or greater than the Period value, then the
PWM output duty is 100%.
CTM, PWM Mode, Edge-aligned Mode, T0DPX=1
CCRP
001b
010b
011b
100b
101b
110b
111b
000b
Period
CCRA
Duty
128
256
384
512
640
768
896
1024
The PWM output period is determined by the CCRA register value together with the TM clock
while the PWM duty cycle is defined by the CCRP register value.
Counter Value
CCRP
CCRA
TnON
TnPAU
TnPOL
CCRP Int.
Flag TnPF
CCRA Int.
Flag TnAF
TM O/P Pin
(TnOC=1)
Time
Counter cleared
by CCRP
Pause Resume
Counter Stop if
TnON bit low
Counter Reset when
TnON returns high
TnDPX = 0; TnM [1:0] = 10
PWM Duty Cycle
set by CCRA
PWM resumes
operation
Output controlled by
other pin-shared function
Output Inverts
when TnPOL = 1
PWM Period
set by CCRP
TM O/P Pin
(TnOC=0)
PWM Mode — TnDPX = 0
Note: 1. Here TnDPX=0 – Counter cleared by CCRP
2. A counter clear sets the PWM Period
3. The internal PWM function continues even when TnIO [1:0] = 00 or 01
4. The TnCCLR bit has no influence on PWM operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com