Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 120 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 120 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 116Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 117Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 118Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 119Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 120Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 121Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 122Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 123Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 124Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 242 page
background image
Rev. 1.50
120
March 06 , 2012
Rev. 1.50
121
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
16-bit Standard TM Register List - HT67F40/HT67F50/HT67F60
●
TM2C0 Register - 16-bit STM
Bit
7
6
5
4
3
2
1
0
Name
T2PAU
T2CK2
T2CK1
T2CK0
T2ON
—
—
—
R/W
R/W
R/W
R/W
R/W
R/W
—
—
—
POR
0
0
0
0
0
—
—
—
Bit 7
T2PAU: TM2 Counter Pause Control
0: Run
1: Pause
The counter can be paused by setting this bit high. Clearing the bit to zero restores
normal counter operation. When in a Pause condition the TM will remain powered up
and continue to consume power. The counter will retain its residual value when this bit
changes from low to high and resume counting from this value when the bit changes
to a low value again.
Bit 6~4
T2CK2, T2CK1, T2CK0: Select TM2 Counter clock
000: fSYS/4
001: fSYS
010: fH/16
011: fH/64
100: fTBC
101: Undefined
110: TCK2 rising edge clock
111: TCK2 falling edge clock
These three bits are used to select the clock source for the TM. Selecting the Reserved
clock input will effectively disable the internal counter. The external pin clock source
can be chosen to be active on the rising or falling edge. The clock source fSYS is the
system clock, while fH and fTBC are other internal clocks, the details of which can be
found in the oscillator section.
Bit 3
T2ON: TM2 Counter On/Off Control
0: Off
1: On
This bit controls the overall on/off function of the TM. Setting the bit high enables the
counter to run, clearing the bit disables the TM. Clearing this bit to zero will stop the
counter from counting and turn off the TM which will reduce its power consumption.
When the bit changes state from low to high the internal counter value will be reset to
zero, however when the bit changes from high to low, the internal counter will retain its
residual value until the bit returns high again. If the TM is in the Compare Match
Output Mode then the TM output pin will be reset to its initial condition, as specified
by the T2OC bit, when the T2ON bit changes from low to high.
Bit 2~0
Unimplemented, read as "0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com