Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 129 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 129 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 125Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 126Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 127Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 128Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 129Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 130Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 131Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 132Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 133Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
128
March 06 , 2012
Rev. 1.50
129
March 06 , 2012
Counter Value
CCRP
CCRA
TnON
TnPAU
TnPOL
CCRP Int.
Flag TnPF
CCRA Int.
Flag TnAF
TM O/P Pin
(TnOC=1)
Time
Counter stopped
by CCRA
Pause
Resume
Counter Stops
by software
Counter Reset when
TnON returns high
TnM [1:0] = 10 ; TnIO [1:0] = 11
Pulse Width
set by CCRA
Output Inverts
when TnPOL = 1
No CCRP Interrupts
generated
TM O/P Pin
(TnOC=0)
TCKn pin
Software
Trigger
Cleared by
CCRA match
TCKn pin
Trigger
Auto. set by
TCKn pin
Software
Trigger
Software
Clear
Software
Trigger
Software
Trigger
Single Pulse Mode
Note: 1. Counter stopped by CCRA
2. CCRP is not used
3. The pulse is triggered by the TCKn pin or by setting the TnON bit high
4. A TCKn pin active edge will automatically set the TnON bit hight
5. In the Single Pulse Mode, TnIO [1:0] must be set to “11” and can not be changed.
However a compare match from Comparator A will also automatically clear the TnON bit and thus
generate the Single Pulse output trailing edge. In this way the CCRA value can be used to control the
pulse width. A compare match from Comparator A will also generate a TM interrupt. The counter can
only be reset back to zero when the TnON bit changes from low to high when the counter restarts. In the
Single Pulse Mode CCRP is not used. The TnCCLR and TnDPX bits are not used in this Mode.
Capture Input Mode
To select this mode bits TnM1 and TnM0 in the TMnC1 register should be set to 01 respectively.
This mode enables external signals to capture and store the present value of the internal counter and
can therefore be used for applications such as pulse width measurements. The external signal is
supplied on the TPn_0 or TPn_1 pin, whose active edge can be either a rising edge, a falling edge or
both rising and falling edges; the active edge transition type is selected using the TnIO1 and TnIO0
bits in the TMnC1 register. The counter is started when the TnON bit changes from low to high
which is initiated using the application program.
When the required edge transition appears on the TPn_0 or TPn_1 pin the present value in the
counter will be latched into the CCRA registers and a TM interrupt generated. Irrespective of what
events occur on the TPn_0 or TPn_1 pin the counter will continue to free run until the TnON bit
changes from high to low. When a CCRP compare match occurs the counter will reset back to zero;
in this way the CCRP value can be used to control the maximum counter value. When a CCRP
compare match occurs from Comparator P, a TM interrupt will also be generated. Counting the
number of overflow interrupt signals from the CCRP can be a useful method in measuring long
pulse widths. The TnIO1 and TnIO0 bits can select the active trigger edge on the TPn_0 or TPn_1
pin to be a rising edge, falling edge or both edge types. If the TnIO1 and TnIO0 bits are both set
high, then no capture operation will take place irrespective of what happens on the TPn_0 or TPn_1
pin, however it must be noted that the counter will continue to run.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com