Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 132 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 132 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 128Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 129Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 130Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 131Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 132Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 133Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 134Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 135Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 136Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 242 page
background image
Rev. 1.50
132
March 06 , 2012
Rev. 1.50
133
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Enhanced Type TM Register Description
Overall operation of the Enhanced TM is controlled using a series of registers. A read only register
pair exists to store the internal counter 10-bit value, while two read/write register pairs exist to store
the internal 10-bit CCRA and CCRB value. The remaining three registers are control registers which
setup the different operating and control modes as well as the three CCRP bits.
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TM1C0
T1PAU
T1CK2
T1CK1
T1CK0
T1ON
T1RP2
T1RP1
T1RP0
TM1C1
T1AM1
T1AM0
T1AIO1
T1AIO0
T1AOC
T1APOL
T1CDN
T1CCLR
TM1C2
T1BM1
T1BM0
T1BIO1
T1BIO0
T1BOC
T1BPOL T1PWM1 T1PWM0
TM1DL
D7
D6
D5
D4
D3
D2
D1
D0
TM1DH
—
—
—
—
—
—
D9
D8
TM1AL
D7
D6
D5
D4
D3
D2
D1
D0
TM1AH
—
—
—
—
—
—
D9
D8
TM1BL
D7
D6
D5
D4
D3
D2
D1
D0
TM1BH
—
—
—
—
—
—
D9
D8
10-bit Enhanced TM Register List (if ETM is TM1)
10-bit Enhanced TM Register List - HT67F30/HT67F40/HT67F50/HT67F60
●
TM1C0 Register - 10-bit ETM
Bit
7
6
5
4
3
2
1
0
Name
T1PAU
T1CK2
T1CK1
T1CK0
T1ON
T1RP2
T1RP1
T1RP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7
T1PAU: TM1 Counter Pause Control
0: run
1: pause
The counter can be paused by setting this bit high. Clearing the bit to zero restores
normal counter operation. When in a Pause condition the TM will remain powered up
and continue to consume power. The counter will retain its residual value when this bit
changes from low to high and resume counting from this value when the bit changes
to a low value again.
Bit 6~4
T1CK2~T1CK0: Select TM1 Counter clock
000: fSYS/4
001: fSYS
010: fH/16
011: fH/64
100: fTBC
101: Undefined
110: TCK1 rising edge clock
111: TCK1 falling edge clock
These three bits are used to select the clock source for the TM. Selecting the Reserved
clock input will effectively disable the internal counter. The external pin clock source
can be chosen to be active on the rising or falling edge. The clock source fSYS is the
system clock, while fH and fTBC are other internal clocks, the details of which can be
found in the oscillator section.
Bit 3
T1ON: TM1 Counter On/Off Control
0: Off
1: On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com