Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 156 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 156 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 152Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 153Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 154Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 155Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 156Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 157Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 158Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 159Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 160Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 242 page
background image
Rev. 1.50
156
March 06 , 2012
Rev. 1.50
157
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Summary of A/D Conversion Steps
The following summarises the individual steps that should be executed in order to implement an A/
D conversion process.
● Step 1
Select the required A/D conversion clock by correctly programming bits ADCK2~ADCK0 in the
ADCR1 register.
● Step 2
Enable the A/D by clearing the ADOFF bit in the ADCR0 register to zero.
● Step 3
Select which channel is to be connected to the internal A/D converter by correctly programming
the ACS4~ACS0 bits which are also contained in the ADCR1 and ADCR0 register.
● Step 4
Select which pins are to be used as A/D inputs and configure them by correctly programming the
ACE11~ACE0 bits in the ACERH and ACERL registers.
● Step 5
If the interrupts are to be used, the interrupt control registers must be correctly configured to
ensure the A/D converter interrupt function is active. The master interrupt control bit, EMI, and
the A/D converter interrupt bit, EADI, must both be set high to do this.
● Step 6
The analog to digital conversion process can now be initialised by setting the START bit in the
ADCR register from low to high and then low again. Note that this bit should have been originally
cleared to zero.
● Step 7
To check when the analog to digital conversion process is complete, the EOCB bit in the ADCR0
register can be polled. The conversion process is complete when this bit goes low. When this
occurs the A/D data registers ADRL and ADRH can be read to obtain the conversion value. As an
alternative method, if the interrupts are enabled and the stack is not full, the program can wait for
an A/D interrupt to occur.
Note: When checking for the end of the conversion process, if the method of polling the EOCB bit
in the ADCR0 register is used, the interrupt enable step above can be omitted.
t AD C
A/ D c onv er si on ti me
00011B
00010B
ST AR T
EO CB
AC S4 ~A CS 0
Po we r- on
Re se t
E nd of A /D
c onv er si on
1: D ef i ne por t c on fi gur at io n
2: S el ec t anal og ch a nnel
St ar t of A /D
c onv er si on
Re se t A/ D
c onv er te r
A/ D sa mp li ng t im e
t AD S
00000B
St ar t o f A /D
c onv er si on
Re se t A/ D
c onv er te r
00001B
St ar t o f A /D
c onv er si on
Re se t A/ D
c onv er te r
E nd of A /D
c onv er si on
A/ D sa mp li ng t im e
t AD S
of f
on
on
t ON 2S T
t AD C
A/ D c onv er si on ti me
of f
AD OF F
AD C M odul e
ON
A/D Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com