Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 154 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 154 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 150Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 151Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 152Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 153Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 154Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 155Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 156Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 157Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 158Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 242 page
background image
Rev. 1.50
154
March 06 , 2012
Rev. 1.50
155
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
A/D Operation
The START bit in the ADCR0 register is used to start and reset the A/D converter. When the
microcontroller sets this bit from low to high and then low again, an analog to digital conversion
cycle will be initiated. When the START bit is brought from low to high but not low again, the
EOCB bit in the ADCR0 register will be set high and the analog to digital converter will be reset. It
is the START bit that is used to control the overall start operation of the internal analog to digital
converter.
The EOCB bit in the ADCR0 register is used to indicate when the analog to digital conversion
process is complete. This bit will be automatically set to "0" by the microcontroller after a
conversion cycle has ended. In addition, the corresponding A/D interrupt request flag will be set in
the interrupt control register, and if the interrupts are enabled, an appropriate internal interrupt signal
will be generated. This A/D internal interrupt signal will direct the program flow to the associated A/
D internal interrupt address for processing. If the A/D internal interrupt is disabled, the
microcontroller can be used to poll the EOCB bit in the ADCR0 register to check whether it has
been cleared as an alternative method of detecting the end of an A/D conversion cycle.
The clock source for the A/D converter, which originates from the system clock fSYS, can be chosen
to be either fSYS or a subdivided version of fSYS
The division ratio value is determined by the
ADCK2~ADCK0 bits in the ADCR1 register.
Although the A/D clock source is determined by the system clock fSYS, and by bits
ADCK2~ADCK0, there are some limitations on the maximum A/D clock source speed that can be
selected. As the minimum value of permissible A/D clock period, tADCK, is 0.5ms, care must be taken
for system clock frequencies equal to or greater than 4MHz. For example, if the system clock
operates at a frequency of 4MHz, the ADCK2~ADCK0 bits should not be set to "000". Doing so
will give A/D clock periods that are less than the minimum A/D clock period which may result in
inaccurate A/D conversion values. Refer to the following table for examples, where values marked
with an asterisk * show where, depending upon the device, special care must be taken, as the values
may be less than the specified minimum A/D Clock Period.
fSYS
A/D Clock Period (tADCK)
ADCK2,
ADCK1,
ADCK0
=000
(fSYS)
ADCK2,
ADCK1,
ADCK0
=001
(fSYS/2)
ADCK2,
ADCK1,
ADCK0
=010
(fSYS/4)
ADCK2,
ADCK1,
ADCK0
=011
(fSYS/8)
ADCK2,
ADCK1,
ADCK0
=100
(fSYS/16)
ADCK2,
ADCK1,
ADCK0
=101
(fSYS/32)
ADCK2,
ADCK1,
ADCK0
=110
(fSYS/64)
ADCK2,
ADCK1,
ADCK0
=111
1MHz
1µs
2µs
4µs
8µs
16µs
32µs
64µs
Undefined
2MHz
500ns
1µs
2µs
4µs
8µs
16µs
32µs
Undefined
4MHz
250ns*
500ns
1µs
2µs
4µs
8µs
16µs
Undefined
8MHz
125ns*
250ns*
500ns
1µs
2µs
4µs
8µs
Undefined
12MHz
83ns*
167ns*
333ns*
667ns
1.33µs
2.67µs
5.33µs
Undefined
A/D Clock Period Examples
Controlling the power on/off function of the A/D converter circuitry is implemented using the
ADOFF bit in the ADCR0 register. This bit must be zero to power on the A/D converter. When the
ADOFF bit is cleared to zero to power on the A/D converter internal circuitry a certain delay, as
indicated in the timing diagram, must be allowed before an A/D conversion is initiated. Even if no
pins are selected for use as A/D inputs by clearing the ACE11~ACE0 bits in the ACERH and
ACERL registers, if the ADOFF bit is zero then some power will still be consumed. In power
conscious applications it is therefore recommended that the ADOFF is set high to reduce power
consumption when the A/D converter function is not being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com