Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 150 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 150 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 146Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 147Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 148Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 149Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 150Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 151Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 152Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 153Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 154Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 242 page
background image
Rev. 1.50
150
March 06 , 2012
Rev. 1.50
151
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
ADCR0 Register
●
HT67F30/HT67F40/HT67F50
Bit
7
6
5
4
3
2
1
0
Name
START
EOCB
ADOFF
ADRFS
—
ACS2
ACS1
ACS0
R/W
R/W
R
R/W
R/W
—
R/W
R/W
R/W
POR
0
1
1
0
—
0
0
0
Bit 7
START: Start the A/D conversion
0→1→0: start
0→1
: reset the A/D converter and set EOCB to "1"
This bit is used to initiate an A/D conversion process. The bit is normally low but if set
high and then cleared low again, the A/D converter will initiate a conversion process.
When the bit is set high the A/D converter will be reset.
Bit 6
EOCB: End of A/D conversion flag
0: A/D conversion ended
1: A/D conversion in progress
This read only flag is used to indicate when an A/D conversion process has completed.
When the conversion process is running the bit will be high.
Bit 5
ADOFF : ADC module power on/off control bit
0: ADC module power on
1: ADC module power off
This bit controls the power to the A/D internal function. This bit should be cleared to
zero to enable the A/D converter. If the bit is set high then the A/D converter will be
switched off reducing the device power consumption. As the A/D converter will
consume a limited amount of power, even when not executing a conversion, this may
be an important consideration in power sensitive battery powered applications.
Note: 1. It is recommended to set ADOFF=1 before entering IDLE/SLEEP Mode for
saving power.
2. ADOFF=1 will power down the ADC module.
Bit 4
ADRFS: ADC Data Format Control
0: ADC Data MSB is ADRH bit 7, LSB is ADRL bit 4
1: ADC Data MSB is ADRH bit 3, LSB is ADRL bit 0
This bit controls the format of the 12-bit converted A/D value in the two A/D data
registers.
Details are provided in the A/D data register section.
Bit 3
unimplemented, read as "0"
Bit 2~0
ACS2, ACS1, ACS0: Select A/D channel (when ACS4 is "0")
000: AN0
001: AN1
010: AN2
011: AN3
100: AN4
101: AN5
110: AN6
111: AN7
These are the A/D channel select control bits. As there is only one internal hardware
A/D converter each of the eight A/D inputs must be routed to the internal converter
using these bits.
If bit ACS4 in the ADCR1 register is set high then the internal 1.25V will be routed to
the A/D Converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com