Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 149 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 149 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 145Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 146Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 147Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 148Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 149Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 150Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 151Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 152Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 153Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
148
March 06 , 2012
Rev. 1.50
149
March 06 , 2012
A/ D C onv er te r
PA 0/ AN 0~ PA 7/ AN 7
PH 0/ AN 8
PH 1/ AN 9
PH 2/ AN 10
PH 3/ AN 11
A/ D Re fe r enc e Vo lt age
AD RL
AD RH
A/ D Da ta
R egi s te rs
V 125E N
ST AR T EO CB AD OF F
V SS
PB 5/ VR EF
AD CK 2~ A DCK 0
f SY S
AC E 11~ AC E0
AC S4 ~A CS 0
1. 25 V
A/ D Cl oc k
V DD
AD OF F
Bi t
VR EF S
Bi t
AD RF S
bi t
¸ 2 N
(N =0 ~6 )
A/D Converter Structure
A/D Converter Data Registers – ADRL, ADRH
As the devices contain an internal 12-bit A/D converter, they require two data registers to store the
converted value. These are a high byte register, known as ADRH, and a low byte register, known as
ADRL. After the conversion process takes place, these registers can be directly read by the
microcontroller to obtain the digitised conversion value. As only 12 bits of the 16-bit register space
is utilised, the format in which the data is stored is controlled by the ADRFS bit in the ADCR0
register as shown in the accompanying table. D0~D11 are the A/D conversion result data bits. Any
unused bits will be read as zero.
ADRFS
ADRH
ADRL
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
0
D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
0
0
0
0
1
0
0
0
0
D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
A/D Data Registers
A/D Converter Control Registers – ADCR0, ADCR1, ACERL, ACERH
To control the function and operation of the A/D converter, three or four control registers known as
ADCR0, ADCR1, ACERL and ACERH are provided. These 8-bit registers define functions such as
the selection of which analog channel is connected to the internal A/D converter, the digitised data
format, the A/D clock source as well as controlling the start function and monitoring the A/D
converter end of conversion status. The ACS3~ACS0 bits in the ADCR0 register and ACS4 bit is the
ADCR1 register define the ADC input channel number. As the device contains only one actual
analog to digital converter hardware circuit, each of the individual 8 or 12 analog inputs must be
routed to the converter. It is the function of the ACS4~ACS0 bits to determine which analog channel
input pins or internal 1.25V is actually connected to the internal A/D converter.
The ACERH and ACERL control registers contain the ACER11~ACER0 bits which determine
which pins on Port A, PH0~PH3 are used as analog inputs for the A/D converter input and which
pins are not to be used as the A/D converter input. Setting the corresponding bit high will select the
A/D input function, clearing the bit to zero will select either the I/O or other pin-shared function.
When the pin is selected to be an A/D input, its original function whether it is an I/O or other pin-
shared function will be removed. In addition, any internal pull-high resistors connected to these pins
will be automatically removed if the pin is selected to be an A/D input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com