Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 146 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 146 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 142Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 143Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 144Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 145Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 146Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 147Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 148Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 149Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 150Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 242 page
background image
Rev. 1.50
146
March 06 , 2012
Rev. 1.50
147
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Capture Input Mode
To select this mode bits TnAM1, TnAM0 and TnBM1, TnBM0 in the TMnC1 and TMnC2 registers
should be set to 01 respectively. This mode enables external signals to capture and store the present
value of the internal counter and can therefore be used for applications such as pulse width
measurements. The external signal is supplied on the TPnA and TPnB_0, TPnB_1, TPnB_2 pins,
whose active edge can be either a rising edge, a falling edge or both rising and falling edges; the
active edge transition type is selected using the TnAIO1, TnAIO0 and TnBIO1, TnBIO0 bits in the
TMnC1 and TMnC2 registers. The counter is started when the TnON bit changes from low to high
which is initiated using the application program.
When the required edge transition appears on the TPnA and TPnB_0, TPnB_1, TPnB_2 pins the
present value in the counter will be latched into the CCRA and CCRB registers and a TM interrupt
generated. Irrespective of what events occur on the TPnA and TPnB_0, TPnB_1, TPnB_2 pins the
counter will continue to free run until the TnON bit changes from high to low. When a CCRP
compare match occurs the counter will reset back to zero; in this way the CCRP value can be used to
control the maximum counter value. When a CCRP compare match occurs from Comparator P, a TM
interrupt will also be generated. Counting the number of overflow interrupt signals from the CCRP
can be a useful method in measuring long pulse widths. The TnAIO1, TnAIO0 and TnBIO1, TnBIO0
bits can select the active trigger edge on the TPnA and TPnB_0, TPnB_1, TPnB_2 pins to be a rising
edge, falling edge or both edge types. If the TnAIO1, TnAIO0 and TnBIO1, TnBIO0 bits are both set
high, then no capture operation will take place irrespective of what happens on the TPnA and
TPnB_0, TPnB_1, TPnB_2 pins, however it must be noted that the counter will continue to run.
As the TPnA and TPnB_0, TPnB_1, TPnB_2 pins are pin shared with other functions, care must be
taken if the TM is in the Capture Input Mode. This is because if the pin is setup as an output, then
any transitions on this pin may cause an input capture operation to be executed. The TnCCLR,
TnAOC, TnBOC, TnAPOL and TnBPOL bits are not used in this mode.
ETM CCRA Capture Input Mode
Note: 1. TnAM [1:0] = 01 and active edge set by the TnAIO [1:0] bits
2. The TM Capture input pin active edge transfers the counter value to CCRA
3. TnCCLR bit not used
4. No output function – TnAOC and TnAPOL bits not used
5. CCRP determines the counter value and the counter has a maximum count
value when CCRP is equal to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com