Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 142 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 142 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 138Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 139Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 140Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 141Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 142Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 143Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 144Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 145Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 146Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 242 page
background image
Rev. 1.50
142
March 06 , 2012
Rev. 1.50
143
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Counter Value
CCRP
CCRA
TnON
TnPAU
TnAPOL
CCRA Int.
Flag TnAF
CCRB Int.
Flag TnBF
TPnA Pin
(TnAOC=1)
Time
Counter Cleared by CCRP
Pause
Resume
Stop
Counter
Restart
TnCCLR = 0;
TnAM [1:0] = 10, TnBM [1:0] = 10;
TnPWM [1:0] = 00
Output Pin
Reset to Initial value
Output controlled by
other pin-shared function
Output Inverts
when TnAPOL
is high
CCRB
CCRP Int.
Flag TnPF
TPnB Pin
(TnBOC=1)
TPnB Pin
(TnBOC=0)
Duty Cycle
set by CCRA
Duty Cycle
set by CCRB
PWM Period set by CCRP
Duty Cycle
set by CCRA
Duty Cycle
set by CCRA
ETM PWM Mode — Edge Aligned
Note: 1. Here TnCCLR=0 therefore CCRP clears counter and determines the PWM period
2. The internal PWM function continues running even when TnAIO [1:0] (or
TnBIO [1:0]) = 00 or 01
3. CCRA controls the TPnA PWM duty and CCRB controls the TPnB PWM duty
Counter Value
CCRA
TnON
TnPAU
TnBPOL
CCRB Int.
Flag TnBF
Time
Counter Cleared by CCRA
Pause
Resume
Stop
Counter
Restart
TnCCLR = 1; TnBM [1:0] = 10;
TnPWM [1:0] = 00
Output Pin
Reset to
Initial value
Output controlled by
other pin-shared function
Output Inverts
when TnBPOL
is high
CCRB
CCRP Int.
Flag TnPF
TPnB Pin
(TnBOC=1)
TPnB Pin
(TnBOC=0)
Duty Cycle
set by CCRB
PWM Period set by CCRA
ETM PWM Mode — Edge Aligned
Note: 1. Here TnCCLR=1, therefore CCRA clears the counter and determines the PWM period
2. The internal PWM function continues running even when TnBIO [1:0] = 00 or 01
3. The CCRA controls the TPnB PWM period and CCRB controls the TPnB PWM duty
4. Here the TM pin control register should not enable the TPnA pin as a TM output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com