Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 143 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 143 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 139Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 140Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 141Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 142Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 143Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 144Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 145Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 146Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 147Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
142
March 06 , 2012
Rev. 1.50
143
March 06 , 2012
Counter Value
CCRP
CCRA
TnON
TnPAU
TnAPOL
CCRA Int.
Flag TnAF
CCRB Int.
Flag TnBF
TPnA Pin
(TnAOC=1)
Time
Pause
Resume
Stop
Counter
Restart
TnCCLR = 0;
TnAM [1:0] = 10, TnBM [1:0] = 10;
TnPWM [1:0] = 11
Output Pin
Reset to Initial value
Output controlled by
Other pin-shared function
Output Inverts
when TnAPOL
is high
CCRB
CCRP Int.
Flag TnPF
TPnB Pin
(TnBOC=1)
TPnB Pin
(TnBOC=0)
Duty Cycle set by CCRA
Duty Cycle set by CCRB
PWM Period set by CCRP
ETM PWM Mode — Centre Aligned
Note: 1. Here TnCCLR=0 therefore CCRP clears the counter and determines the PWM period
2. TnPWM [1:0] =11 therefore the PWM is centre aligned
3. The internal PWM function continues running even when TnAIO [1:0] (or
TnBIO [1:0]) = 00 or 01
4. CCRA controls the TPnA PWM duty and CCRB controls the TPnB PWM duty
5. CCRP will generate an interrupt request when the counter decrements to its zero value
Counter Value
CCRA
TnON
TnPAU
TnBPOL
CCRA Int.
Flag TnAF
CCRB Int.
Flag TnBF
Time
Pause
Resume
Stop
Counter
Restart
TnCCLR = 1; TnBM [1:0] = 10;
TnPWM [1:0] = 11
Output Pin
Reset to Initial value
Output controlled
by other pin-shared
function
CCRB
TPnB Pin
(TnBOC=1)
TPnB Pin
(TnBOC=0)
Duty Cycle set by CCRB
PWM Period set by CCRA
Output Inverts
when TnBPOL is high
CCRP Int.
Flag TnPF
ETM PWM Mode — Centre Aligned
Note: 1. Here TnCCLR=1 therefore CCRA clears the counter and determines the PWM period
2. TnPWM [1:0] =11 therefore the PWM is centre aligned
3. The internal PWM function continues running even when TnBIO [1:0] = 00 or 01
4. CCRA controls the TPnB PWM period and CCRB controls the TPnB PWM duty
5. CCRP will generate an interrupt request when the counter decrements to its zero value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com