Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 173 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 173 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 169Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 170Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 171Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 172Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 173Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 174Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 175Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 176Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 177Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
172
March 06 , 2012
Rev. 1.50
173
March 06 , 2012
●
SIMC1 Register
Bit
7
6
5
4
3
2
1
0
Name
HCF
HAAS
HBB
HTX
TXAK
SRW
IAMWU
RXAK
R/W
R
R
R
R/W
R/W
R
R/W
R
POR
1
0
0
0
0
0
0
1
Bit 7
HCF: I2C Bus data transfer completion flag
0: Data is being transferred
1: Completion of an 8-bit data transfer
The HCF flag is the data transfer flag. This flag will be zero when data is being
transferred. Upon completion of an 8-bit data transfer the flag will go high and an
interrupt will be generated.
Bit 6
HAAS: I2C Bus address match flag
0: Not address match
1: Address match
The HASS flag is the address match flag. This flag is used to determine if the slave
device address is the same as the master transmit address. If the addresses match then
this bit will be high, if there is no match then the flag will be low.
Bit 5
HBB: I2C Bus busy flag
0: I2C Bus is not busy
1: I2C Bus is busy
The HBB flag is the I2C busy flag. This flag will be "1" when the I2C bus is busy
which will occur when a START signal is detected. The flag will be set to "0" when
the bus is free which will occur when a STOP signal is detected.
Bit 4
HTX: Select I2C slave device is transmitter or receivera
0: Slave device is the receiver
1: Slave device is the transmitter
Bit 3
TXAK: I2C Bus transmit acknowledge flag
0: Slave send acknowledge flag
1: Slave do not send acknowledge flag
The TXAK bit is the transmit acknowledge flag. After the slave device receipt of 8-bits
of data, this bit will be transmitted to the bus on the 9th clock from the slave device.
The slave device must always set TXAK bit to "0" before further data is received.
Bit 2
SRW: I2C Slave Read/Write flag
0: Slave device should be in receive mode
1: Slave device should be in transmit mode
The SRW flag is the I2C Slave Read/Write flag. This flag determines whether the
master device wishes to transmit or receive data from the I2C bus. When the
transmitted address and slave address is match, that is when the HAAS flag is set high,
the slave device will check the SRW flag to determine whether it should be in transmit
mode or receive mode. If the SRW flag is high, the master is requesting to read data
from the bus, so the slave device should be in transmit mode. When the SRW flag is
zero, the master will write data to the bus, therefore the slave device should be in
receive mode to read this data.
Bit 1
IAMWU: I2C Address Match Wake-up Control
0: Disable
1: Enable
This bit should be set to "1" to enable I2C address match wake up from SLEEP or
IDLE Mode.
Bit 0
RXAK: I2C Bus Receive acknowledge flag
0: Slave receive acknowledge flag
1: Slave do not receive acknowledge flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com