Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 174 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 174 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 170Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 171Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 172Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 173Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 174Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 175Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 176Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 177Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 178Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 242 page
background image
Rev. 1.50
174
March 06 , 2012
Rev. 1.50
175
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
The RXAK flag is the receiver acknowledge flag. When the RXAK flag is "0", it
means that a acknowledge signal has been received at the 9th clock, after 8 bits of data
have been transmitted. When the slave device in the transmit mode, the slave device
checks the RXAK flag to determine if the master receiver wishes to receive the next
byte. The slave transmitter will therefore continue sending out data until the RXAK
flag is "1". When this occurs, the slave transmitter will release the SDA line to allow
the master to send a STOP signal to release the I2C Bus.
The SIMD register is used to store the data being transmitted and received. The same
register is used by both the SPI and I2C functions. Before the device writes data to the
SPI bus, the actual data to be transmitted must be placed in the SIMD register. After
the data is received from the SPI bus, the device can read it from the SIMD register.
Any transmission or reception of data from the SPI bus must be made via the SIMD
register.
●
SIMD Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
x
x
x
x
x
x
x
x
"X" unknown
●
SIMA Register
Bit
7
6
5
4
3
2
1
0
Name
IICA6
IICA5
IICA4
IICA3
IICA2
IICA1
IICA0
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
—
POR
x
x
x
x
x
x
x
—
"X" unknown
Bit 7~1
IICA6~ IICA0: I2C slave address
IICA6~ IICA0 is the I2C slave address bit 6~ bit 0.
The SIMA register is also used by the SPI interface but has the name SIMC2. The
SIMA register is the location where the 7-bit slave address of the slave device is
stored. Bits 7~ 1 of the SIMA register define the device slave address. Bit 0 is not
defined.
When a master device, which is connected to the I2C bus, sends out an address, which
matches the slave address in the SIMA register, the slave device will be selected. Note
that the SIMA register is the same register address as SIMC2 which is used by the SPI
interface.
Bit 0
Undefined bit
This bit can be read or written by user software program.
I 2 C Da ta R eg is te r
(S IM D)
Sl av e Ad dr e ss Re gi st er
(S IM A)
Sh i ft R egi st er
Di re ct i on Co nt ro l
M
U
X
A ddr e ss Ma tc h
HA AS B it
I 2 C In te rr up t
Da ta i n LS B
Da ta O ut M SB
Tr ans mi t/R ec ei ve
C ont ro l Un it
8- bi t D at a Co mp le te
De te c t S ta rt o r St op
Da ta B us
A ddr es s
Co mp ar at or
E nabl e/ Di s abl e A ck now le dge
R ead/ wr it e Sl av e
SR W Bi t
HB B Bi t
HT X Bi t
SC L Pi n
SD A Pi n
HC F Bi t
I2C Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com