Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 204 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 204 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 200Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 201Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 202Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 203Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 204Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 205Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 206Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 207Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 208Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 242 page
background image
Rev. 1.50
204
March 06 , 2012
Rev. 1.50
205
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
If the system is woken up by an interrupt, then two possible situations may occur. The first is where
the related interrupt is disabled or the interrupt is enabled but the stack is full, in which case the
program will resume execution at the instruction following the "HALT instruction. In this situation,
the interrupt which woke-up the device will not be immediately serviced, but will rather be serviced
later when the related interrupt is finally enabled or when a stack level becomes free. The other
situation is where the related interrupt is enabled and the stack is not full, in which case the regular
interrupt response takes place. If an interrupt request flag is set high before entering the SLEEP or
IDLE Mode, the wake-up function of the related interrupt will be disabled.
Low Voltage Detector – LVD
Each device has a Low Voltage Detector function, also known as LVD. This enabled the device to
monitor the power supply voltage, VDD, and provide a warning signal should it fall below a certain
level. This function may be especially useful in battery applications where the supply voltage will
gradually reduce as the battery ages, as it allows an early warning battery low signal to be generated.
The Low Voltage Detector also has the capability of generating an interrupt signal.
LVD Register
The Low Voltage Detector function is controlled using a single register with the name LVDC. Three
bits in this register, VLVD2~VLVD0, are used to select one of eight fixed voltages below which a
low voltage condition will be detemined. A low voltage condition is indicated when the LVDO bit is
set. If the LVDO bit is low, this indicates that the VDD voltage is above the preset low voltage value.
The LVDEN bit is used to control the overall on/off function of the low voltage detector. Setting the
bit high will enable the low voltage detector. Clearing the bit to zero will switch off the internal low
voltage detector circuits. As the low voltage detector will consume a certain amount of power, it
may be desirable to switch off the circuit when not in use, an important consideration in power
sensitive battery powered applications.
●
LVDC Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
LVDO
LVDEN
—
VLVD2
VLVD1
VLVD0
R/W
—
—
R
R/W
—
R/W
R/W
R/W
POR
—
—
0
0
—
0
0
0
Bit 7~6
unimplemented, read as "0"
Bit 5
LVDO: LVD Output Flag
0: No Low Voltage Detect
1: Low Voltage Detect
Bit
LVDEN: Low Voltage Detector Control
0: Disable
1: Enable
Bit 3
unimplemented, read as "0"
Bit 2~0
VLVD2 ~ VLVD0: Select LVD Voltage
000: 2.0V
001: 2.2V
010: 2.4V
011: 2.7V
100: 3.0V
101: 3.3V
110: 3.6V
111: 4.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com