Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 206 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 206 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 202Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 203Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 204Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 205Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 206Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 207Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 208Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 209Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 210Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 242 page
background image
Rev. 1.50
206
March 06 , 2012
Rev. 1.50
207
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Part No.
Duty
Driver No.
Bias
Bias Type
Wave Type
HT67F30
1/2
21x2
1/2 or 1/3
C or R
A or B
1/3
21x3
1/4
20x4
HT67F40
1/2
33x2
1/2 or 1/3
C or R
A or B
1/3
33x3
1/4
32x4
HT67F40
1/2
41x2
1/2 or 1/3
C or R
A or B
1/3
41x3
1/4
40x4
HT67F60
1/2
57x2
1/2 or 1/3
C or R
A or B
1/3
57x3
1/4
56x4
LCD Selections
C ty pe 1 /3 B ia s -
´
3 Ch ar ge P um p
VL CD
0. 1 m F
0. 1 m F
0. 1 m F
LC D
Po we r Su pp ly
C har ge
Pu mp
C1
C2
V1
V2
V A
V B
V C
(= VL CD ´ 1. 5)
(= VL CD )
(= VL CD ´0 .5
V C u se d f or
1/ 3 Bi as o nl y)
VM AX
C ty pe 1 /2 B ia s -
´
2 Ch ar ge P um p
0. 1 m F
C har ge
Pu mp
C1
0. 1 m F
0. 1 m F
C2
V1
V2
VL CD
V A
V B
(= VL CD)
(= VL CD ´ 0. 5)
VM AX
LC D
Po we r Su pp ly
C Type Bias Voltage Levels
R t y pe 1 /2 B ia s
R t y pe 1 /3 B ia s
VL CD
R
R
VL CD
V A
V B
LC D
Po we r Su pp ly
V C
R
(= VL CD ´ 2/ 3)
(= VL CD ´ 1/ 3)
(= VL CD )
LC D On /O ff
R
R
V A
V B
LC D
Po we r Su ppl y
(= VL CD ´ 1/ 2)
(= VL CD)
LC D On /O ff
VM AX
VM AX
R Type Bias Voltage Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com