Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 209 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 209 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 205Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 206Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 207Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 208Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 209Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 210Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 211Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 212Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 213Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
208
March 06 , 2012
Rev. 1.50
209
March 06 , 2012
HT67F60 LCD Memory Map
80 H
B8 H
b7
b6
b5
b4
b3
b2
b1
b0
81 H
b7
b6
b5
b4
b3
b2
b1
b0
SE G 0
SE G 56
SE G 1
SE G 55
B7 H
SE G 0
SE G 56
SE G 1
SE G 55
80 H
81 H
B8 H
B7 H
1/ 2 bi as o r 1/ 3 bi as
1/ 4 bi as
: Un us ed, R ead a s "0 "
LCD Registers
Control Registers in the Data Memory, are used to control the various setup features of the LCD
Driver.
There is one control register for the LCD function, LCDCTRL.
Various bits in this registers control functions such as duty type, bias type, bias resistor selection as
well as overall LCD enable and disable. The LCDEN bit in the LCDCTRL register, which provides
the overall LCD enable/disable function, will only be effective when the device is in the Normal,
Slow or Idle Mode. If the device is in the Sleep Mode then the display will always be disabled. Bits
RSEL0 and RSEL1 in the LCDCTRL register select the internal bias resistors to supply the LCD
panel with the correct bias voltages. A choice to best match the LCD panel used in the application
can be selected also to minimise bias current. The TYPE bit in the same register is used to select
whether Type A or Type B LCD control signals are used. Three registers, LCDOUT0, LCDOUT1,
LCDOUT2 and LCDOUT3 are used to determine if the output function of display pins
SEG0~SEG31 are used as segment drivers or I/O functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com