Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 213 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 213 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 209Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 210Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 211Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 212Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 213Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 214Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 215Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 216Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 217Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
212
March 06 , 2012
Rev. 1.50
213
March 06 , 2012
For the C type 1/2 bias selection, three voltage levels VSS, VA and VB are utilised. The voltage VA
is generated internally and has a value of VLCD. VB will have a value equal to VAx0.5. For the C
type 1/2 bias configuration VC is not used.
For the C type 1/3 bias selection, four voltage levels VSS, VA, VB and VC are utilised. The voltage
VA is generated internally and has a value of VLCDx1.5. VB will have a value equal to VAx 2/3 and
VC will have a value equal to VA x 1/3. The connection to the VMAX pin depends upon the bias
and the voltage that is applied to VLCD, the details are shown in the table. It is extremely important
to ensure that these charge pump generated internal voltages do not exceed the maximum VDD
voltage of 5.5V.
Biasing Type
VMAX Connection
1/3
Bias
VDD>VLCDx1.5
Connect VMAX to VDD
Otherwise
Connect VMAX to V1
1/2
Bias
VDD>VLCD
Connect VMAX to VDD
Otherwise
Connect VMAX to VLCD
C Type Biasing VMAX Connection
LCD Waveform Timing Diagrams
The accompanying timing diagrams depict the display driver signals generated by the
microcontroller for various values of duty and bias. The huge range of various permutations only
permit a few types to be displayed here.
CO M0 s egm ent s ON
CO M1 s egm ent s ON
Al l s egm ent s ON
VA
VB
VSS
VA
VB
VSS
VA
VB
VSS
CO M0
CO M1 
Al l s egm ent s OF F
VA
VB
VSS
VA
VB
VSS
VA
VB
VSS
No rm a l O pe ra ti on M od e
CO M0 , CO M1
Al l se gm ent out pu ts
VA
VB
VSS
VA
VB
VSS
1 Fr am e
Du ri ng R eset o r in HAL T M ode
LCD Driver Output – Type A - 1/2 Duty, 1/2 Bias
Note: For 1/2 Bias, VA=VLCD, VB=VLCDx1/2 for both R and C type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com