Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 214 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 214 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 210Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 211Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 212Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 213Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 214Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 215Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 216Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 217Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 218Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 242 page
background image
Rev. 1.50
214
March 06 , 2012
Rev. 1.50
215
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
No rm a l O pe ra ti on M od e
Du ri ng R eset o r in HAL T M ode
CO M0 , CO M1 , C OM 2
Al l se gm ent out pu ts
CO M0
CO M1
CO M2 
Al l s egm ent s OF F
CO M0 s egm ent s ON
CO M1 s egm ent s ON
CO M2 s egm ent s ON
CO M0 , 1 s egm ent s ON
CO M0 , 2 s egm ent s ON
CO M1 , 2 s egm ent s ON
Al l s egm ent s ON
VA
VB
VSS
VA
VB
VSS
VA
VB
VSS
VA
VB
VSS
VA
VB
VSS
VA
VB
VSS
VA
VB
VSS
VA
VB
VSS
VA
VB
VSS
VA
VB
VSS
VA
VB
VSS
VA
VB
VSS
VA
VB
VSS
1 Fr am e
LCD Driver Output – Type A- 1/3 Duty, 1/2 Bias
Note: For 1/2 Bias, the VA=VLCD, VB=VLCDx1/2 for both R and C type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com